Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJ24 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RJ24
Description  3/8 ??Square Trimming Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ24 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RJ24 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
RJ24/RJR24 - 3/8 ” Square Trimming Potentiometer
Features
Multiturn / Cermet / Industrial / Sealed
Standoffs
Patent #4427966 drive mechanism
Listed on the QPL per MIL-R-22097 and
High-Rel Mil-R-39035
Electrical Characteristics
Standard Resistance Range
....................................10 to 1 megohm
(see standard resistance table)
Resistance Tolerance ............±10 % std.
Absolute Minimum Resistance
RJ24 ...................2 % or 20 ohms max.
(whichever is greater)
RJR24 ...................2 % or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
...........................3.0 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage.....................................±0.01 %
Resistance ...............................±0.05 %
Resolution.....................................Infinite
Insulation Resistance ................500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ...............................1,000 vac
80,000 Feet...............................400 vac
Effective Travel..................25 turns nom.
Environmental Characteristics
Power Rating (300 volts max.)
85 °C ........................................0.5 watt
150 °C .........................................0 watt
Temperature Range
..................................-55 °C to +150 °C
Temperature Coefficient
.........................................±100 ppm/°C
Seal Test .......................85 °C Fluorinert*
Humidity........MIL-STD-202 Method 106
RJ24 ........................................96 hours
(1 % ∆TR, 10 Megohms IR)
RJR24......................................96 hours
(1 % ∆TR, 100 Megohms IR)
Vibration.........20 G (1 % ∆TR; 1 % ∆VR)
Shock...........100 G (1 % ∆TR; 1 % ∆VR)
Load Life
RJ24 ......1,000 hours 0.5 watt @ 85 °C
(2 % ∆TR; 10% ∆VR)
RJR24..10,000 hours 0.5 watt @ 85 °C
(3 % ∆TR)
Rotational Life.......200 cycles (2 % ∆TR)
Physical Characteristics
Torque .............................5.0 oz-in. max.
Mechanical Stops..................Wiper idles
Terminals ......MIL-STD 202, Method 208
Weight ......................................0.025 oz.
Marking ................Mil-spec part number,
date code
Wiper................50 % (Actual TR) ±10 %
Flammability ..........................U.L. 94V-0
Standard Packaging .....50 pcs. per tube
Adjustment Tool ..............................H-90
1
3 CW
CLOCKWISE
CCW
2 WIPER
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
Standard Resistance Table
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
REV. 09/05
10.64
(.419)
45° ± 3°
152.4
(6.00)
MIN. LENGTH
WIRE SIZE: 30AWG
3292P
9.53 ± .38
(.375 ± .015)
9.53 ± .38
(.375 ± .015)
3.81 + .25/-.13*
(.150 +.010/-.005)
1.02
(.040)
1.57
(.062)
MIN.
ADJ. SLOT
1.52
(.060)
.51
(.020)
.64
(.025)
WIDE
X
X
DEEP
DIA.
Product Dimensions
Common Dimensions
RJ24FP/RJR24FP
RJ24FL
RJ24FW/RJR24FW
RJ24FX/RJR24FX
How To Order
MIL-PRF-22097
RJ24 F L 202
Model
Characteristic
F = ±100 ppm/°C Temp. Coeff. Max.
Terminal Style
Resistance Code
How To Order
MIL-PRF-39035
RJR24 F W 502 R
Model
Characteristic
F = ±100 ppm/°C Temp. Coeff. Max.
Terminal Style
Resistance Code
Failure Rate
M = 1.0 %
P = 0.1 %
R = 0.01 %
1.27 ± 0.1
(.050 ± .004)
4.83 ± .13
(.190 ± .005)
9.53
(.375)
1.27 ± 0.1
(.050 ± .004)
10.03
(.395)
1.52
(.060)
.38
(.015)
6.40 ± 1.32
(.252 ± .052)
.51 ± .03
(.020 ± .001)
2.54
(.100)
2.54
(.100)
MIN.
DIA.
ADJ. SLOT
2.19
(.086)
.56
(.022)
.76
(.030)
WIDE
X
X
DEEP
DIA.
4.83
(.190)
2
3
1
2
3
1
2.41
(.095)
2
3
1
8.26 ± .64
(.325 ± .025)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.41
(.095)


Similar Part No. - RJ24

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJ24FL100 BOURNS-RJ24FL100 Datasheet
184Kb / 1P
Square Trimpot Trimming Potentiometer
RJ24FL101 BOURNS-RJ24FL101 Datasheet
184Kb / 1P
Square Trimpot Trimming Potentiometer
RJ24FL102 BOURNS-RJ24FL102 Datasheet
184Kb / 1P
Square Trimpot Trimming Potentiometer
RJ24FL103 BOURNS-RJ24FL103 Datasheet
184Kb / 1P
Square Trimpot Trimming Potentiometer
RJ24FL104 BOURNS-RJ24FL104 Datasheet
184Kb / 1P
Square Trimpot Trimming Potentiometer
More results

Similar Description - RJ24

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3386 BOURNS-3386 Datasheet
167Kb / 3P
3/8 Square Trimming Potentiometer
3386 BOURNS-3386 Datasheet
167Kb / 3P
3/8 Square Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF Datasheet
131Kb / 1P
3/8 Square Trimming Potentiometer
logo
Bi technologies
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bourns Electronic Solut...
3299W-1-103 BOURNS-3299W-1-103 Datasheet
308Kb / 1P
3/8??Square Trimming Potentiometer
3386 BOURNS-3386_06 Datasheet
317Kb / 3P
3/8 Square Trimming Potentiometer
3386P-1-502LF BOURNS-3386P-1-502LF Datasheet
168Kb / 3P
3386 - 3/8 ??Square Trimming Potentiometer
3386F-1-504LF BOURNS-3386F-1-504LF Datasheet
168Kb / 3P
3386 - 3/8 ??Square Trimming Potentiometer
3292 BOURNS-3292 Datasheet
149Kb / 1P
3/8 ??Square Trimpot짰 Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF_10 Datasheet
154Kb / 1P
3/8 Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com