Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6964 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT6964
Description  LED Driver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6964 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT6964 Datasheet HTML 1Page - Princeton Technology Corp PT6964 Datasheet HTML 2Page - Princeton Technology Corp PT6964 Datasheet HTML 3Page - Princeton Technology Corp PT6964 Datasheet HTML 4Page - Princeton Technology Corp PT6964 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6964 V1.0
- 5 -
April, 2005
LED Driver IC
PT6964
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT6964-S
28pins, SOP, 300mil
PT6964-S
PT6964-S (L)
28pins, SOP, 300mil
PT6964-S
Notes:
1. (L) = Lead Free
2. The Lead Free mark is put in front of the date code.


Similar Part No. - PT6964

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6964-S PTC-PT6964-S Datasheet
688Kb / 15P
LED Driver IC
PT6964 PTC-PT6964_10 Datasheet
688Kb / 15P
LED Driver IC
More results

Similar Description - PT6964

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com