Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6964 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT6964
Description  LED Driver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6964 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT6964 Datasheet HTML 1Page - Princeton Technology Corp PT6964 Datasheet HTML 2Page - Princeton Technology Corp PT6964 Datasheet HTML 3Page - Princeton Technology Corp PT6964 Datasheet HTML 4Page - Princeton Technology Corp PT6964 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6964 V1.0
- 3 -
April, 2005
LED Driver IC
PT6964
APPLICATION CIRCUIT
DIGIT1
DIGIT2
DIGIT3
DIGIT4
SEG12
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
+5V
+5V
MCU
10K
+5V
51K
DIGIT5
0.1 f
DIGIT6
OSC
DI/O
CLK
STB
K1
K2
VDD
SG1/KS1
SG2/KS2
SG3/KS3
SG4/KS4
SG5/KS5
SG6/KS6
SG7/KS7
SG8/KS8
SG9/KS9
SG10/KS10
GND
GR1
GR2
GND
GR3
GR4
GND
VDD
SG14/GR5
SG13/GR6
SG12/GR7
Note:
1. The capacitor (0.1µF) connected between the GND and the VDD pins must be located as close as
possible to the PT6964 chip.
2. It is strongly suggested that the NC pin (pins 13) be connected to the GND.
3. The PT6964 power supply is separate from the application system power supply.


Similar Part No. - PT6964

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6964-S PTC-PT6964-S Datasheet
688Kb / 15P
   LED Driver IC
PT6964 PTC-PT6964_10 Datasheet
688Kb / 15P
   LED Driver IC
More results

Similar Description - PT6964

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com