Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSG14K_CSG8K Datasheet(PDF) 102 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 102 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 98Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 99Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 100Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 101Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 102Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 103Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 104Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 105Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 106Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 101
Calibration of the temperature sensor readout value involves two steps:
1.
Calculate the calibration gain coefficient using following equation:
Equation 18:
������������������������ =
������������������������������������,������������������������������������������������[°������] + 273.15
������������������������������������,������������������������������������������������[°������] + 273.15
Which uses following parameters:
●
Twafer,expected is the expected temperature at wafer test, which is close to
60 ⁰C. The
exact value is stored
in OTP register “Chuck Temperature” (see Figure 126).
●
Twafer,measured is the measured (uncalibrated) temperature sensor value at wafer test. The
values can be calculated based on the temperature sensor readout values
TSENS_REF and TSENS_CONV
, as stored in OTP registers “TSENSx_CONV” and
“TSENSx_REF” (see Figure 126). Using both values, the corresponding temperature
value can be calculated using Equation 19.
This calibration gain coefficient is fixed and only needs to be calculated once.
Note that a separate calibration gain coefficient needs to be calculated for both temperature
sensors.
2.
Calculate the calibrated temperature measurement value using following equation:
Equation 19:
������������������������ [°������] = ������������������������ × (������������������������������������,������[°������] + 273.15) − 273.15
7.8.7
Enable Optical Black Outputs
The OB pixels on the right side of the pixel array that are used for on-chip OB correction can
be read out through the DOUT_OB_* output channels. By default, these channels are
disabled.
To enable the DOUT_OB_* channels, use the SPI sequence listed in Figure 129. Note that
the registers should only be written to the specified BLOCK_IDs.
Figure 129:
Enable OB Outputs Sequence
#
Register
Bank
Address
BLOCK_ID
Value
1
DATA_CH_CTRL
3
74
18
1027
2
DATA_CH_CTRL
3
74
19
1027
Using the DOUT_OB_* channels is optional. Using the channels requires routing additional
output channels to the receiving system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com