Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAD1-9090QB11ZC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AAD1-9090QB11ZC
Description  XPower
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AAD1-9090QB11ZC Datasheet(HTML) 1 Page - Kingbright Corporation

  AAD1-9090QB11ZC Datasheet HTML 1Page - Kingbright Corporation AAD1-9090QB11ZC Datasheet HTML 2Page - Kingbright Corporation AAD1-9090QB11ZC Datasheet HTML 3Page - Kingbright Corporation AAD1-9090QB11ZC Datasheet HTML 4Page - Kingbright Corporation AAD1-9090QB11ZC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAI0853
REV NO: V.1
DATE: JAN/28/2008
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.P.Chen
ERP:1108000350
Part Number: AAD1-9090QB11ZC/3-S
Blue
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Applications
traffic signaling.
backlighting (illuminated advertising , general lighting).
interior and exterior automotive lighting.
substitution of micro incandescent lamps.
portable light source (e.g. bicycle flashlight).
signal and symbol luminaire for orientation.
marker lights (e.g. steps, exit ways, etc).
decorative and entertainment lighting.
indoor and outdoor commercial and residential
architectural lighting.
Package Dimensions
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Application Note
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
XPower
Features
● SUPER HIGH FLUX OUTPUT AND HIGH LUMINANCE.
● DESIGNED FOR HIGH CURRENT OPERATION.
● LOW THERMAL RESISTANCE.
● LOW VOLTAGE DC OPERATED.
● SUPERIOR ESD PROTECTION.
● NOT REFLOW COMPATIBLE.
● THE COMPONENT IS INTERNALLY PROTECTED WITH
SILICONE GEL.
● RoHS COMPLIANT.


Similar Part No. - AAD1-9090QB11ZC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAD1-9090QW11ZC KINGBRIGHT-AAD1-9090QW11ZC Datasheet
195Kb / 6P
XPower
AAD1-9090QW11ZC/3-S KINGBRIGHT-AAD1-9090QW11ZC/3-S Datasheet
195Kb / 6P
XPower
More results

Similar Description - AAD1-9090QB11ZC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAD1-1010QB9ZC KINGBRIGHT-AAD1-1010QB9ZC Datasheet
299Kb / 5P
XPower
AAD1-1010ZG9ZC KINGBRIGHT-AAD1-1010ZG9ZC Datasheet
297Kb / 5P
XPower
AA1010SEC28 KINGBRIGHT-AA1010SEC28 Datasheet
283Kb / 5P
XPower
AA1010ZG10ZC KINGBRIGHT-AA1010ZG10ZC Datasheet
282Kb / 6P
XPower
AA1010SY28ZC KINGBRIGHT-AA1010SY28ZC Datasheet
238Kb / 5P
XPower
AA1010SE28ZC KINGBRIGHT-AA1010SE28ZC Datasheet
239Kb / 5P
XPower
AA1010QW10ZC KINGBRIGHT-AA1010QW10ZC Datasheet
281Kb / 7P
XPower
AA1010QB10ZC KINGBRIGHT-AA1010QB10ZC Datasheet
280Kb / 6P
XPower
AAD1-9090QW11ZC KINGBRIGHT-AAD1-9090QW11ZC Datasheet
195Kb / 6P
XPower
AAD1-9090BRGC-01 KINGBRIGHT-AAD1-9090BRGC-01 Datasheet
255Kb / 7P
XPower
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com