Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAD1-9090QB11ZC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AAD1-9090QB11ZC
Description  XPower
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AAD1-9090QB11ZC Datasheet(HTML) 2 Page - Kingbright Corporation

  AAD1-9090QB11ZC Datasheet HTML 1Page - Kingbright Corporation AAD1-9090QB11ZC Datasheet HTML 2Page - Kingbright Corporation AAD1-9090QB11ZC Datasheet HTML 3Page - Kingbright Corporation AAD1-9090QB11ZC Datasheet HTML 4Page - Kingbright Corporation AAD1-9090QB11ZC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAI0853
REV NO: V.1
DATE: JAN/28/2008
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.P.Chen
ERP:1108000350
Selection Guide
Parameter
Symbol
Value
Unit
Power dissipation
Pt
3
W
Junction temperature
TJ
110
°C
Operating Temperature
Top
-40 To +100
°C
Storage Temperature
Tstg
-40 To +100
°C
DC Forward Current [1]
IF
700
mA
Peak Forward Current [2]
IFM
1000
mA
Thermal resistance [1]
Rth j-slug
11
°C/W
Electrostatic Discharge Threshold (HBM)
8000
V
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Metal Core PCB is mounted on the heat Fins.
2.1/10 Duty Cycle, 0.1ms Pulse Width.
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity / luminous flux: +/-15%.
Parameter
Symbol
Value
Unit
Wavelength at peak emission
IF=700mA
[Typ.]
λpeak
461
nm
Dominant Wavelength
IF=700mA
[Typ.]
λdom [1]
460
nm
Spectral bandwidth at 50%
ΦREL MAX
IF=700mA
[Typ.]
Δλ
20
nm
Forward Voltage IF=700mA [Min.]
VF [2]
3.5
V
Forward Voltage IF=700mA [Typ.]
3.9
Forward Voltage
IF=700mA [Max.]
4.3
Temperature coefficient of
λpeak
IF=700mA, -10
°C≤ T≤100°C
[Typ.]
TCλpeak
0.04
nm/
°C
Temperature coefficient of
λdom
IF=700mA, -10
°C≤ T≤100°C
[Typ.]
TCλdom
0.03
nm/
°C
Temperature coefficient of VF
IF=700mA, -10
°C≤ T≤100°C
[Typ.]
TCV
-4.3
mV/
°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Part No.
Dice
Lens Type
luminous Intensity [2]
Iv (cd)@ 700mA
Viewing
Angle [1]
Min.
Typ.
Min.
Typ.
2
θ1/2
AAD1-9090QB11ZC/3-S
BLUE (AlInGaN) WATER CLEAR
6.7
10
20
35.7
100
°
Φv (lm) [2]
@ 700mA
yalin
數位簽署者:yalin
DN:cn=yalin, o, ou,
email=sjhou@cn.
kingbright.com, c=<
無>
日期︰2008.01.29
11:30:47 +08'00'


Similar Part No. - AAD1-9090QB11ZC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAD1-9090QW11ZC KINGBRIGHT-AAD1-9090QW11ZC Datasheet
195Kb / 6P
XPower
AAD1-9090QW11ZC/3-S KINGBRIGHT-AAD1-9090QW11ZC/3-S Datasheet
195Kb / 6P
XPower
More results

Similar Description - AAD1-9090QB11ZC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAD1-1010QB9ZC KINGBRIGHT-AAD1-1010QB9ZC Datasheet
299Kb / 5P
XPower
AAD1-1010ZG9ZC KINGBRIGHT-AAD1-1010ZG9ZC Datasheet
297Kb / 5P
XPower
AA1010SEC28 KINGBRIGHT-AA1010SEC28 Datasheet
283Kb / 5P
XPower
AA1010ZG10ZC KINGBRIGHT-AA1010ZG10ZC Datasheet
282Kb / 6P
XPower
AA1010SY28ZC KINGBRIGHT-AA1010SY28ZC Datasheet
238Kb / 5P
XPower
AA1010SE28ZC KINGBRIGHT-AA1010SE28ZC Datasheet
239Kb / 5P
XPower
AA1010QW10ZC KINGBRIGHT-AA1010QW10ZC Datasheet
281Kb / 7P
XPower
AA1010QB10ZC KINGBRIGHT-AA1010QB10ZC Datasheet
280Kb / 6P
XPower
AAD1-9090QW11ZC KINGBRIGHT-AAD1-9090QW11ZC Datasheet
195Kb / 6P
XPower
AAD1-9090BRGC-01 KINGBRIGHT-AAD1-9090BRGC-01 Datasheet
255Kb / 7P
XPower
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com