Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP7700C4PBC/Z Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP7700C4PBC/Z
Description  SnapLED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7700C4PBC/Z Datasheet(HTML) 2 Page - Kingbright Corporation

  WP7700C4PBC/Z Datasheet HTML 1Page - Kingbright Corporation WP7700C4PBC/Z Datasheet HTML 2Page - Kingbright Corporation WP7700C4PBC/Z Datasheet HTML 3Page - Kingbright Corporation WP7700C4PBC/Z Datasheet HTML 4Page - Kingbright Corporation WP7700C4PBC/Z Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAH3827
REV NO: V.3
DATE: MAY/14/2008
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Ting.Li
ERP: 1101019936
Outline Drawings
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - WP7700C4PBC/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7700C4QBC-D KINGBRIGHT-WP7700C4QBC-D Datasheet
417Kb / 5P
SnapLED
WP7700C4QBC/D KINGBRIGHT-WP7700C4QBC/D Datasheet
417Kb / 5P
SnapLED
WP7700C4SEC-J KINGBRIGHT-WP7700C4SEC-J Datasheet
141Kb / 5P
SnapLED
WP7700C4SEC/J KINGBRIGHT-WP7700C4SEC/J Datasheet
141Kb / 5P
SnapLED
WP7700C4SURC-G KINGBRIGHT-WP7700C4SURC-G Datasheet
413Kb / 5P
SnapLED
More results

Similar Description - WP7700C4PBC/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7700C4ZGC KINGBRIGHT-WP7700C4ZGC Datasheet
416Kb / 5P
SnapLED
WP7701C4VGC-Z KINGBRIGHT-WP7701C4VGC-Z Datasheet
461Kb / 5P
SnapLED
WP7700C4SEC-J KINGBRIGHT-WP7700C4SEC-J Datasheet
141Kb / 5P
SnapLED
WP7700C4VGC-Z KINGBRIGHT-WP7700C4VGC-Z Datasheet
417Kb / 5P
SnapLED
WP7701C4PBC-Z KINGBRIGHT-WP7701C4PBC-Z Datasheet
423Kb / 5P
SnapLED
WP7701C4SURC-G KINGBRIGHT-WP7701C4SURC-G Datasheet
465Kb / 5P
SnapLED
WP7701C4SYC-J KINGBRIGHT-WP7701C4SYC-J Datasheet
458Kb / 5P
SnapLED
WP7701C4SEC-J KINGBRIGHT-WP7701C4SEC-J Datasheet
459Kb / 5P
SnapLED
WP7701C4ZGC KINGBRIGHT-WP7701C4ZGC Datasheet
460Kb / 5P
SnapLED
WP7700C4SURC-G KINGBRIGHT-WP7700C4SURC-G Datasheet
413Kb / 5P
SnapLED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com