Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF640NPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF640NPBF
Description  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF640NPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF640NPBF Datasheet HTML 1Page - International Rectifier IRF640NPBF Datasheet HTML 2Page - International Rectifier IRF640NPBF Datasheet HTML 3Page - International Rectifier IRF640NPBF Datasheet HTML 4Page - International Rectifier IRF640NPBF Datasheet HTML 5Page - International Rectifier IRF640NPBF Datasheet HTML 6Page - International Rectifier IRF640NPBF Datasheet HTML 7Page - International Rectifier IRF640NPBF Datasheet HTML 8Page - International Rectifier IRF640NPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HEXFET® Power MOSFET
2/25/04
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
18
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
13
A
IDM
Pulsed Drain Current

72
PD @TC = 25°C
Power Dissipation
150
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
247
mJ
IAR
Avalanche Current

18
A
EAR
Repetitive Avalanche Energy

15
mJ
dv/dt
Peak Diode Recovery dv/dt
†
8.1
V/ns
TJ
Operating Junction and
-55 to +175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
„
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Description
VDSS = 200V
RDS(on) = 0.15Ω
ID = 18A
S
D
G
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Ease of Paralleling
l Simple Drive Requirements
D2Pak
IRF640NSPbF
TO-220AB
IRF640NPbF
TO-262
IRF640NLPbF
IRF640NPbF
IRF640NSPbF
IRF640NLPbF
Fifth Generation HEXFET® Power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance per
silicon area. This benefit, combined with the fast switching
speed and ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer with an
extremely efficient and reliable device for use in a wide
variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation levels
to approximately 50 watts. The low thermal resistance and
low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of its
low internal connection resistance and can dissipate up to
2.0W in a typical surface mount application.
The through-hole version (IRF640NL) is available for low-
profile application.
www.irf.com
1
PD - 95046
l Lead-Free


Similar Part No. - IRF640NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF640NPBF IRF-IRF640NPBF Datasheet
341Kb / 11P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NPBF KERSEMI-IRF640NPBF Datasheet
8Mb / 11P
   Advanced Process Technology Dynamic dv/dt Rating 175 Operating Temperature
logo
International Rectifier
IRF640NPBF IRF-IRF640NPBF Datasheet
341Kb / 11P
   Advanced Process Technology
IRF640NPBF IRF-IRF640NPBF_15 Datasheet
341Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRF640NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com