Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35A5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 35A5
Description  OUTPUT BEAM TETRODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

35A5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  35A5 Datasheet HTML 1Page - List of Unclassifed Manufacturers 35A5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 35A5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
35A IRF-35A Datasheet
50Kb / 6P
   SINGLE PHASE BRIDGE
logo
Leshan Radio Company
35A LRC-35A Datasheet
72Kb / 2P
   35A BRIDGE RECTIFIERS
logo
Shanghai Shunye Electro...
35A SHUNYE-35A Datasheet
189Kb / 2P
   SOZA CELL
logo
IDEAL-TEK SA
35A.SA.DC.1 IDEAL-TEK-35A.SA.DC.1 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
logo
List of Unclassifed Man...
35ACC12T4V10 ETC2-35ACC12T4V10 Datasheet
276Kb / 4P
   Robust and soft freewheeling diodes in CAL technology
More results

Similar Description - 35A5

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
12A6 GEC-12A6 Datasheet
59Kb / 1P
   OUTPUT BEAM TETRODE
logo
List of Unclassifed Man...
C1112 ETC-C1112 Datasheet
7Mb / 10P
   BEAM POWER TETRODE
YL1150 ETC2-YL1150 Datasheet
369Kb / 15P
   V.H.F BEAM POWER TETRODE
logo
Communications & Power ...
4CX250B-M CPI-4CX250B-M Datasheet
933Kb / 7P
   RADIAL BEAM POWER TETRODE
logo
List of Unclassifed Man...
4CX1500B ETC-4CX1500B Datasheet
709Kb / 10P
   RADIAL BEAM POWER TETRODE
4X150A ETC1-4X150A Datasheet
11Mb / 6P
   RADIAL BEAM POWER TETRODE
4PR1000A ETC2-4PR1000A Datasheet
740Kb / 6P
   RADIAL-BEAM PULSE TETRODE
EL509 ETC-EL509 Datasheet
500Kb / 1P
   High Performance Beam Power Tetrode
4-125A ETC2-4-125A_1 Datasheet
852Kb / 8P
   RADIAL-BEAM POWER TETRODE. MODULATOR OSCILLATOR AMPLIFIER
4CX15000A ETC2-4CX15000A Datasheet
76Kb / 1P
   Power Tetrode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com