Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HC4049 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M54HC4049
Description  HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4049 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M54HC4049 Datasheet HTML 3Page - STMicroelectronics M54HC4049 Datasheet HTML 4Page - STMicroelectronics M54HC4049 Datasheet HTML 5Page - STMicroelectronics M54HC4049 Datasheet HTML 6Page - STMicroelectronics M54HC4049 Datasheet HTML 7Page - STMicroelectronics M54HC4049 Datasheet HTML 8Page - STMicroelectronics M54HC4049 Datasheet HTML 9Page - STMicroelectronics M54HC4049 Datasheet HTML 10Page - STMicroelectronics M54HC4049 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PLCC20 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
9.78
10.03
0.385
0.395
B
8.89
9.04
0.350
0.356
D
4.2
4.57
0.165
0.180
d1
2.54
0.100
d2
0.56
0.022
E
7.37
8.38
0.290
0.330
e
1.27
0.050
e3
5.08
0.200
F
0.38
0.015
G
0.101
0.004
M
1.27
0.050
M1
1.14
0.045
P027A
M54/M74HC4049/4050
10/11


Similar Part No. - M54HC4049

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4049 STMICROELECTRONICS-M54HC4049 Datasheet
311Kb / 9P
RAD-HARD HEX BUFFER/CONVERTER (INVERTER)
M54HC4049 STMICROELECTRONICS-M54HC4049 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
M54HC4049D STMICROELECTRONICS-M54HC4049D Datasheet
311Kb / 9P
RAD-HARD HEX BUFFER/CONVERTER (INVERTER)
M54HC4049D STMICROELECTRONICS-M54HC4049D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
M54HC4049D1 STMICROELECTRONICS-M54HC4049D1 Datasheet
311Kb / 9P
RAD-HARD HEX BUFFER/CONVERTER (INVERTER)
More results

Similar Description - M54HC4049

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4049B SLS-SL4049B Datasheet
33Kb / 4P
Hex Buffer/Converter
SL4050B SLS-SL4050B Datasheet
32Kb / 4P
Hex Buffer/Converter
logo
Intersil Corporation
CD4049UBT INTERSIL-CD4049UBT Datasheet
33Kb / 3P
CMOS Hex Buffer/Converter
July 1999
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
CMOS Hex Buffer/Converter
logo
STMicroelectronics
M74HC4049 STMICROELECTRONICS-M74HC4049 Datasheet
540Kb / 8P
HEX BUFFER/CONVERTER (INVERTER)
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP_07 Datasheet
302Kb / 8P
Hex Buffer/Converter
logo
STMicroelectronics
M74HC4050 STMICROELECTRONICS-M74HC4050 Datasheet
554Kb / 8P
HEX BUFFER/CONVERTER
M54HC4049 STMICROELECTRONICS-M54HC4049_04 Datasheet
311Kb / 9P
RAD-HARD HEX BUFFER/CONVERTER (INVERTER)
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com