Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5100 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI5100
Description  SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5100 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI5100 Datasheet HTML 5Page - Silicon Laboratories SI5100 Datasheet HTML 6Page - Silicon Laboratories SI5100 Datasheet HTML 7Page - Silicon Laboratories SI5100 Datasheet HTML 8Page - Silicon Laboratories SI5100 Datasheet HTML 9Page - Silicon Laboratories SI5100 Datasheet HTML 10Page - Silicon Laboratories SI5100 Datasheet HTML 11Page - Silicon Laboratories SI5100 Datasheet HTML 12Page - Silicon Laboratories SI5100 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Si5100
Rev. 1.1
9
Table 4. AC Characteristics (TXCLK16OUT, TXCLK16IN, TXCLKOUT, TXDIN, TXDOUT)
(VDD =1.8 V ±5%, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
TXCLKOUT Frequency
fclkout
2.41
2.7
GHz
TXCLKOUT Duty Cycle
tch/tcp, Figure 2
40
50
60
%
Output Rise Time
(TXCLKOUT, TXDOUT)
tR
Figure 3
50
75
ps
Output Fall Time
(TXCLKOUT, TXDOUT)
tF
Figure 3
50
75
ps
TXCLKOUT to TXDOUT Delay
tCD
Figure 2
–42
–22
ps
Output Return Loss
100 kHz–2.5 GHz
2.5–4.0 GHz
–12
–10
dB
dB
TXCLK16OUT Frequency
fCLKOUT
MODE16 = 1
MODE16 = 0
155
622
169
675
MHz
TXCLK16OUT Duty Cycle
tch/tcp, Figure 2
40
60
%
TXCLK16OUT Rise & Fall Times
tR, tF
100
175
250
ps
TXDIN Setup to TXCLK16IN
tDSIN
——
300
ps
TXDIN Hold from TXCLK16IN
tDHIN
——
300
ps
TXCLK16IN Frequency
fCLKIN
MODE16 = 1
MODE16 = 0
155
622
169
675
MHz
TXCLK16IN Duty Cycle
tch/tcp, Figure 2
40
60
%
TXCLK16IN Rise & Fall Times
tR, tF
100
300
ps


Similar Part No. - SI5100

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5100 SILABS-Si5100 Datasheet
115Kb / 2P
   Silicon Labs is pleased to announce rev 1.5 for the Si5100, Si5110 devices
SI5100-EVB SILABS-SI5100-EVB Datasheet
3Mb / 48P
   Evaluation Board Set for Si5100 and Si5110 OC-48/STM-16 SONET/SDH TRANSCEIVERS
More results

Similar Description - SI5100

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Exar Corporation
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5944LZ AVAGO-AFCT-5944LZ Datasheet
526Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Broadcom Corporation.
AFCT-5943XXZ BOARDCOM-AFCT-5943XXZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com