Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5100 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI5100
Description  SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5100 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI5100 Datasheet HTML 4Page - Silicon Laboratories SI5100 Datasheet HTML 5Page - Silicon Laboratories SI5100 Datasheet HTML 6Page - Silicon Laboratories SI5100 Datasheet HTML 7Page - Silicon Laboratories SI5100 Datasheet HTML 8Page - Silicon Laboratories SI5100 Datasheet HTML 9Page - Silicon Laboratories SI5100 Datasheet HTML 10Page - Silicon Laboratories SI5100 Datasheet HTML 11Page - Silicon Laboratories SI5100 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Si5100
8
Rev. 1.1
Table 3. AC Characteristics (RXDIN, RXDOUT, RXCLK1, RXCLK2)
(VDD = 1.8 V ±5%, TA = –20to85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Data Rate (RXDIN)
2.41
2.7
Gbps
Output Clock Frequency
(RXCLK1)
fclkout
MODE16 = 1
MODE16 = 0
155
622
167
675
MHz
Output Clock Frequency
(RXCLK2)
fclkout
MODE16 = 1, RXCLK2DIV =1
MODE16 = 1, RXCLK2DIV =0
MODE16 = 0, RXCLK2DIV =1
MODE16 = 0, RXCLK2DIV =0
155
38.9
622
155
169
42.2
675
169
MHz
Duty Cycle (RXCLK1,
RXCLK2)
tch/tcp, Figure 2
45
55
%
Output Rise and Fall Times
(RXCLK1, RXCLK2, RXDOUT)
tR,tF
Figure 3
100
175
250
ps
Data Invalid Prior to RXCLK1
tcq1
Figure 2
200
ps
Data Invalid After RXCLK1
tcq2
Figure 2
200
ps
Input Return Loss (RXDIN)
SII
1.25 GHz
2.5 GHz
–12
–10
dB
dB
LOS Threshold1,
SLICEMODE = 0
VLOS
LOSLVL = 0–350 mV
0
250
mV
LOS Threshold Error1,
SLICEMODE = 0
——
±30
%
LOS Threshold2,
SLICEMODE = 1
VLOS
LOSLVL = 0–500 mV
0
60
mV
LOS Threshold Error2,
SLICEMODE = 1
RXDIN > 30 mV
——
±50
%
Slice Voltage3,
SLICEMODE = 0
VLEVEL
SLICELVL = 350 mV
–50
mV
SLICELVL = 650 mV
40
mV
Slice Voltage as Percentage of
Differential Input Voltage Swing
(RXDIN), SLICEMODE = 14
VLEVEL
SLICELVL = 250 mV
–25
%
SLICELVL = 750 mV
18
%
Sample Phase5
PHASEADJ = 200 mV
–25
ps
PHASEADJ = 800 mV
25
ps
RXAMPMON Voltage Range
RXDIN = 0–1000 mVPPD
0—
550
mV
RXAMPMON Voltage Error
±50
%
Notes:
1. See Figure 4 on page 16.
2. See Figure 5 on page 17.
3. See Figure 6 on page 17.
4. See Figure 7 on page 18.
5. See Figure 8 on page 18.


Similar Part No. - SI5100

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5100 SILABS-Si5100 Datasheet
115Kb / 2P
   Silicon Labs is pleased to announce rev 1.5 for the Si5100, Si5110 devices
SI5100-EVB SILABS-SI5100-EVB Datasheet
3Mb / 48P
   Evaluation Board Set for Si5100 and Si5110 OC-48/STM-16 SONET/SDH TRANSCEIVERS
More results

Similar Description - SI5100

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Exar Corporation
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5944LZ AVAGO-AFCT-5944LZ Datasheet
526Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Broadcom Corporation.
AFCT-5943XXZ BOARDCOM-AFCT-5943XXZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com