Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5100 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI5100
Description  SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5100 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI5100 Datasheet HTML 1Page - Silicon Laboratories SI5100 Datasheet HTML 2Page - Silicon Laboratories SI5100 Datasheet HTML 3Page - Silicon Laboratories SI5100 Datasheet HTML 4Page - Silicon Laboratories SI5100 Datasheet HTML 5Page - Silicon Laboratories SI5100 Datasheet HTML 6Page - Silicon Laboratories SI5100 Datasheet HTML 7Page - Silicon Laboratories SI5100 Datasheet HTML 8Page - Silicon Laboratories SI5100 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Si5100
Rev. 1.1
5
2. Electrical Specifications
Figure 1. Differential Voltage Measurement
(RXDIN, RXDOUT, RXCLK1, RXCLK2, TXDIN, TXDOUT, TXCLKOUT, TXCLK16OUT, TXCLK16IN)
Figure 2. Data to Clock Delay
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min*
Typ
Max*
Unit
Ambient Temperature
TA
–20
25
85
°C
LVTTL Output Supply Voltage
VDDIO
1.71
3.47
V
Si5100 Supply Voltage
VDD
1.71
1.8
1.89
V
*Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25°C unless otherwise stated.
V
ISE, VOSE
V
ID,VOD (VID = 2 VISE)
Differential
I/Os
Differential
Voltage Swing
Single Ended Voltage
Differential Peak-to-Peak Voltage
SIGNAL +
SIGNAL –
(SIGNAL +) – (SIGNAL –)
V
ICM, VOCM
V
t
V
I
0 V
TXDOUT,
TXDIN
TXCLKOUT,
TXCLK16IN
t
CP
t
cd
t
CH
RXDOUT
RXCLK1
t
cq1
t
cq2


Similar Part No. - SI5100

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5100 SILABS-Si5100 Datasheet
115Kb / 2P
   Silicon Labs is pleased to announce rev 1.5 for the Si5100, Si5110 devices
SI5100-EVB SILABS-SI5100-EVB Datasheet
3Mb / 48P
   Evaluation Board Set for Si5100 and Si5110 OC-48/STM-16 SONET/SDH TRANSCEIVERS
More results

Similar Description - SI5100

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Exar Corporation
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5944LZ AVAGO-AFCT-5944LZ Datasheet
526Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Broadcom Corporation.
AFCT-5943XXZ BOARDCOM-AFCT-5943XXZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com