Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 33 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 33 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 29Page - Fujitsu Component Limited. MB90330A Datasheet HTML 30Page - Fujitsu Component Limited. MB90330A Datasheet HTML 31Page - Fujitsu Component Limited. MB90330A Datasheet HTML 32Page - Fujitsu Component Limited. MB90330A Datasheet HTML 33Page - Fujitsu Component Limited. MB90330A Datasheet HTML 34Page - Fujitsu Component Limited. MB90330A Datasheet HTML 35Page - Fujitsu Component Limited. MB90330A Datasheet HTML 36Page - Fujitsu Component Limited. MB90330A Datasheet HTML 37Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 120 page
background image
MB90330A Series
33
■ PERIPHERAL RESOURCES
1.
I/O port
The I/O ports are used as general-purpose input/output ports (parallel I/O ports). MB90330A series model is
provided with 12 ports (94 inputs) . The ports function as input/output pins for peripheral functions also.
The port data register (PDR) can be used to send output data to the I/O pin and to receive the signal input to
the I/O port. The port direction register (DDR) can be used to set the I/O direction of the I/O pin in bit units.
The following table lists the I/O ports and the peripheral functions with which they share pins.
Note : These pins also serve as the analog input pins for ports 7 and 8. To use them as general-purpose ports, be
sure to set the corresponding bits in the analog input enable register (ADER) to 0B. The ADER is initialized
to FFH at a reset.
Port Pin Name
Pin Name (Peripheral)
Peripheral Function that Shares Pin
Port 0
P00 to P07
(External bus)
Port 1
P10 to P17
(External bus)
Port 2
P20 to P23
(External bus)
P24 to P27
PPG0 to PPG3
8/16-bit PPG timer 0, 1 (External bus)
Port 3
P30 to P33
TIN1, TOT1, TIN2, TOT2
16-bit Reload timer 1, 2 (External bus)
P34 to P37
(External bus)
Port 4
P40, P41
TIN0, TOT0
16-bit Reload timer 0 (External bus)
P42 to P47
SIN0, SOT0, SCK0,
SIN1, SOT1, SCK1
UART0, UART1 (External bus)
Port 5
P50 to P57
(External bus)
Port 6
P60, P61
INT0, INT1
External interrupt
P62 to P64
INT2 to INT4,
SIN, SOT, SCK
External interrupt, Serial I/O
P65
INT5, PWC
External interrupt, PWC
P66, P67
INT6, INT7, SCL0, SDA0
External interrupt, I2C 0
Port 7
P70 to P77
AN0 to AN7
8/10-bit A/D converter
Port 8
P80 to P87
AN8 to AN15
8/10-bit A/D converter
Port 9
P90 to P95
SIN2, SOT2, SCK2,
SIN3, SOT3, SCK3
UART2, 3
P96
ADTG, FRCK
8/10-bit A/D converter, Free-run timer
Port A
PA0 to PA3
IN0 to IN3
Input capture 0, 1, 2, 3
PA4 to PA7
OUT0 to OUT3
Output compare 0, 1, 2, 3
Port B
PB0 to PB3
SCL1, SDA1, SCL2, SDA2
I2C 1, 2
PB4
⎯⎯
PB5, PB6
PPG4, PPG5
PPG timer 2


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com