Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 30 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 30 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 26Page - Fujitsu Component Limited. MB90330A Datasheet HTML 27Page - Fujitsu Component Limited. MB90330A Datasheet HTML 28Page - Fujitsu Component Limited. MB90330A Datasheet HTML 29Page - Fujitsu Component Limited. MB90330A Datasheet HTML 30Page - Fujitsu Component Limited. MB90330A Datasheet HTML 31Page - Fujitsu Component Limited. MB90330A Datasheet HTML 32Page - Fujitsu Component Limited. MB90330A Datasheet HTML 33Page - Fujitsu Component Limited. MB90330A Datasheet HTML 34Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 120 page
background image
MB90330A Series
30
(Continued)
• Explanation on read/write
• Explanation on initial values
Note : No I/O instruction can be used for registers located between 007900H and 007FFFH.
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
007910H
IPCP0
Input Capture Data Register Lower ch.0
R
Input Capture
ch.0/ch.1
XXXXXXXXB
007911H
Input Capture Data Register Upper ch.0
R
XXXXXXXXB
007912H
IPCP1
Input Capture Data Register Lower ch.1
R
XXXXXXXXB
007913H
Input Capture Data Register Upper ch.1
R
XXXXXXXXB
007914H
IPCP2
Input Capture Data Register Lower ch.2
R
Input Capture
ch.2/ch.3
XXXXXXXXB
007915H
Input Capture Data Register Upper ch.2
R
XXXXXXXXB
007916H
IPCP3
Input Capture Data Register Lower ch.3
R
XXXXXXXXB
007917H
Input Capture Data Register Upper ch.3
R
XXXXXXXXB
007918H
OCCP0
Output Compare Register Lower ch.0
R/W
Output Compare
ch.0/ch.1
XXXXXXXXB
007919H
Output Compare Register Upper ch.0
R/W
XXXXXXXXB
00791AH
OCCP1
Output Compare Register Lower ch.1
R/W
XXXXXXXXB
00791BH
Output Compare Register Upper ch.1
R/W
XXXXXXXXB
00791CH
OCCP2
Output Compare Register Lower ch.2
R/W
Output Compare
ch.2/ch.3
XXXXXXXXB
00791DH
Output Compare Register Upper ch.2
R/W
XXXXXXXXB
00791EH
OCCP3
Output Compare Register Lower ch.3
R/W
XXXXXXXXB
00791FH
Output Compare Register Upper ch.3
R/W
XXXXXXXXB
007920H
DBAPL
DMA Buffer Address Pointer Lower 8-bit
R/W
µDMAC
XXXXXXXXB
007921H
DBAPM
DMA Buffer Address Pointer Middle 8-bit
R/W
XXXXXXXXB
007922H
DBAPH
DMA Buffer Address Pointer Upper 8-bit
R/W
XXXXXXXXB
007923H
DMACS
DMA Control Register
R/W
XXXXXXXXB
007924H
DIOAL
DMA I/O Register Address Pointer
Lower 8-bit
R/W
XXXXXXXXB
007925H
DIOAH
DMA I/O Register Address Pointer
Upper 8-bit
R/W
XXXXXXXXB
007926H
DDCTL
DMA Data Counter Lower 8-bit
R/W
XXXXXXXXB
007927H
DDCTH
DMA Data Counter Upper 8-bit
R/W
XXXXXXXXB
007928H
to
007FFFH
Prohibited
R/W
: Readable / Writable
R
: Read only
W
: Write only
0
: Initial value is “0”.
1
: Initial value is “1”.
X
: Initial value is undefined.
-
: Initial value is undefined (None) .
: Initial value of this bit is “1” or “0”.


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com