Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90330A Datasheet HTML 1Page - Fujitsu Component Limited. MB90330A Datasheet HTML 2Page - Fujitsu Component Limited. MB90330A Datasheet HTML 3Page - Fujitsu Component Limited. MB90330A Datasheet HTML 4Page - Fujitsu Component Limited. MB90330A Datasheet HTML 5Page - Fujitsu Component Limited. MB90330A Datasheet HTML 6Page - Fujitsu Component Limited. MB90330A Datasheet HTML 7Page - Fujitsu Component Limited. MB90330A Datasheet HTML 8Page - Fujitsu Component Limited. MB90330A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 120 page
background image
MB90330A Series
3
■ INTERNAL PERIPHERAL FUNCTION (RESOURCE)
• I/O port : Max 94 ports
• Time-base timer : 1 channel
• Watchdog timer : 1 channel
• Watch timer : 1 channel
• 16-bit reload timer : 3 channels
• Multi-functional timer
• 16-bit free run timer : 1 channel
• Output compare : 4 channels
An interrupt request can be output when the 16-bit free-run timer value matches the compare register value.
• Input capture : 4 channels
Upon detection of the effective edge of the signal input to the external input pin, the input capture unit sets the
input capture data register to the 16-bit free-run timer value to output an interrupt request.
• 8/16-bit PPG timer (8-bit
× 6 channels or 16-bit × 3 channels) the period and duty of the output pulse can be
set by the program.
• 16-bit PWC timer : 1 channel
Timer function and pulse width measurement function
• UART : 4 channels
• Full-duplex double buffer (8-bit length)
• Asynchronous transfer or clock-synchronous serial (Extended I/O serial) transfer can be set.
• Extended I/O serial interface : 1 channel
• DTP/External interrupt circuit (8 channels)
• Activate the extended intelligent I/O service by external interrupt input
• Interrupt output by external interrupt input
• Delay interrupt output module
• Output an interrupt request for task switching
• 8/10-bit A/D converter : 16 channels
• 8-bit resolution or 10-bit resolution can be set.
• USB : 1 channel
• USB function (correspond to USB Full Speed)
• Full Speed is supported/Endpoint are specifiable up to six.
• Dual port RAM (The FIFO mode is supported).
• Transfer type : Control, Interrupt, Bulk, or Isochronous transfer possible
• USB Mini-HOST function
• I2C* Interface : 3 channels
• Supports Intel SM bus standard and Phillips I2C bus standards
• Two-wire data transfer protocol specification
• Master and slave transmission/reception
* : I2C license :
Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use, these com-
ponents in an I2C system provided that the system conforms to the I2C Standard Specification as defined by
Philips.


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com