Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 29 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 29 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 25Page - Fujitsu Component Limited. MB90330A Datasheet HTML 26Page - Fujitsu Component Limited. MB90330A Datasheet HTML 27Page - Fujitsu Component Limited. MB90330A Datasheet HTML 28Page - Fujitsu Component Limited. MB90330A Datasheet HTML 29Page - Fujitsu Component Limited. MB90330A Datasheet HTML 30Page - Fujitsu Component Limited. MB90330A Datasheet HTML 31Page - Fujitsu Component Limited. MB90330A Datasheet HTML 32Page - Fujitsu Component Limited. MB90330A Datasheet HTML 33Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 120 page
background image
MB90330A Series
29
(Continued)
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
0000F8H
EP4DT
EP4 Data Register
R/W
USB Function
XXXXXXXXB
0000F9H
R/W
XXXXXXXXB
0000FAH
EP5DT
EP5 Data Register
R/W
XXXXXXXXB
0000FBH
R/W
XXXXXXXXB
0000FCH
to
0000FFH
Prohibited
000100H
to
#H
RAM Area
001FF0H
PADR0
Program Address Detection Register
ch.0 Lower
R/W
Address Match
Detection
XXXXXXXXB
001FF1H
Program Address Detection Register
ch.0 Middle
R/W
XXXXXXXXB
001FF2H
Program Address Detection Register
ch.0 Upper
R/W
XXXXXXXXB
001FF3H
PADR1
Program Address Detection Register
ch.1 Lower
R/W
XXXXXXXXB
001FF4H
Program Address Detection Register
ch.1 Middle
R/W
XXXXXXXXB
001FF5H
Program Address Detection Register
ch.1 Upper
R/W
XXXXXXXXB
#H
to
0078FFH
Unused Area
007900H
PRLL0
PPG Reload Register Lower ch.0
R/W
PPG ch.0
XXXXXXXXB
007901H
PRLH0
PPG Reload Register Upper ch.0
R/W
XXXXXXXXB
007902H
PRLL1
PPG Reload Register Lower ch.1
R/W
PPG ch.1
XXXXXXXXB
007903H
PRLH1
PPG Reload Register Upper ch.1
R/W
XXXXXXXXB
007904H
PRLL2
PPG Reload Register Lower ch.2
R/W
PPG ch.2
XXXXXXXXB
007905H
PRLH2
PPG Reload Register Upper ch.2
R/W
XXXXXXXXB
007906H
PRLL3
PPG Reload Register Lower ch.3
R/W
PPG ch.3
XXXXXXXXB
007907H
PRLH3
PPG Reload Register Upper ch.3
R/W
XXXXXXXXB
007908H
PRLL4
PPG Reload Register Lower ch.4
R/W
PPG ch.4
XXXXXXXXB
007909H
PRLH4
PPG Reload Register Upper ch.4
R/W
XXXXXXXXB
00790AH
PRLL5
PPG Reload Register Lower ch.5
R/W
PPG ch.5
XXXXXXXXB
00790BH
PRLH5
PPG Reload Register Upper ch.5
R/W
XXXXXXXXB
00790CH
to
00790FH
Prohibited


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com