Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 27 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 27 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 23Page - Fujitsu Component Limited. MB90330A Datasheet HTML 24Page - Fujitsu Component Limited. MB90330A Datasheet HTML 25Page - Fujitsu Component Limited. MB90330A Datasheet HTML 26Page - Fujitsu Component Limited. MB90330A Datasheet HTML 27Page - Fujitsu Component Limited. MB90330A Datasheet HTML 28Page - Fujitsu Component Limited. MB90330A Datasheet HTML 29Page - Fujitsu Component Limited. MB90330A Datasheet HTML 30Page - Fujitsu Component Limited. MB90330A Datasheet HTML 31Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 120 page
background image
MB90330A Series
27
(Continued)
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
0000B0H
ICR00
Interrupt Control Register 00
R/W
Interrupt
Controller
0 0 0 0 0 1 1 1B
0000B1H
ICR01
Interrupt Control Register 01
R/W
0 0 0 0 0 1 1 1B
0000B2H
ICR02
Interrupt Control Register 02
R/W
0 0 0 0 0 1 1 1B
0000B3H
ICR03
Interrupt Control Register 03
R/W
0 0 0 0 0 1 1 1B
0000B4H
ICR04
Interrupt Control Register 04
R/W
0 0 0 0 0 1 1 1B
0000B5H
ICR05
Interrupt Control Register 05
R/W
0 0 0 0 0 1 1 1B
0000B6H
ICR06
Interrupt Control Register 06
R/W
0 0 0 0 0 1 1 1B
0000B7H
ICR07
Interrupt Control Register 07
R/W
0 0 0 0 0 1 1 1B
0000B8H
ICR08
Interrupt Control Register 08
R/W
0 0 0 0 0 1 1 1B
0000B9H
ICR09
Interrupt Control Register 09
R/W
0 0 0 0 0 1 1 1B
0000BAH
ICR10
Interrupt Control Register 10
R/W
0 0 0 0 0 1 1 1B
0000BBH
ICR11
Interrupt Control Register 11
R/W
0 0 0 0 0 1 1 1B
0000BCH
ICR12
Interrupt Control Register 12
R/W
0 0 0 0 0 1 1 1B
0000BDH
ICR13
Interrupt Control Register 13
R/W
0 0 0 0 0 1 1 1B
0000BEH
ICR14
Interrupt Control Register 14
R/W
0 0 0 0 0 1 1 1B
0000BFH
ICR15
Interrupt Control Register 15
R/W
0 0 0 0 0 1 1 1B
0000C0H
HCNT0
Host Control Register 0
R/W
USB Mini-HOST
0 0 0 0 0 0 0 0B
0000C1H
HCNT1
Host Control Register 1
R/W
0 0 0 0 0 0 0 1B
0000C2H
HIRQ
Host Interruption Register
R/W
0 0 0 0 0 0 0 0B
0000C3H
HERR
Host Error Status Register
R/W
0 0 0 0 0 0 1 1B
0000C4H
HSTATE
Host State Status Register
R/W
XX 0 1 0 0 1 0B
0000C5H
HFCOMP
SOF Interrupt FRAME Compare Reg-
ister
R/W
0 0 0 0 0 0 0 0B
0000C6H
HRTIMER
Retry Timer Setting Register
R/W
0 0 0 0 0 0 0 0B
0000C7H
R/W
0 0 0 0 0 0 0 0B
0000C8H
R/W
XXXXXX 0 0B
0000C9H
HADR
Host Address Register
R/W
X 0 0 0 0 0 0 0B
0000CAH
HEOF
EOF Setting Register
R/W
0 0 0 0 0 0 0 0B
0000CBH
R/W
XX 0 0 0 0 0 0B
0000CCH
HFRAME
FRAME Setting Register
R/W
0 0 0 0 0 0 0 0B
0000CDH
R/W
XXXXX 0 0 0B
0000CEH
HTOKEN
Host Token End Point Register
R/W
0 0 0 0 0 0 0 0B
0000CFH
Prohibited
0000D0H
UDCC
UDC Control Register
R/W
USB Function
1 0 1 0 0 0 0 0B
0000D1H
R/W
0 0 0 0 0 0 0 0B


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com