Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 24 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 24 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 20Page - Fujitsu Component Limited. MB90330A Datasheet HTML 21Page - Fujitsu Component Limited. MB90330A Datasheet HTML 22Page - Fujitsu Component Limited. MB90330A Datasheet HTML 23Page - Fujitsu Component Limited. MB90330A Datasheet HTML 24Page - Fujitsu Component Limited. MB90330A Datasheet HTML 25Page - Fujitsu Component Limited. MB90330A Datasheet HTML 26Page - Fujitsu Component Limited. MB90330A Datasheet HTML 27Page - Fujitsu Component Limited. MB90330A Datasheet HTML 28Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 120 page
background image
MB90330A Series
24
(Continued)
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
000049H
PPGC3
PPG3 Operation Mode Control Register
R/W
PPG ch.3
0X0 0 0 0 0 1B
00004AH
PPGC4
PPG4 Operation Mode Control Register
R/W
PPG ch.4
0X0 0 0XX1B
00004BH
PPGC5
PPG5 Operation Mode Control Register
R/W
PPG ch.5
0X0 0 0 0 0 1B
00004CH
PPG01
PPG0 and PPG1 Output Control
Register
R/W
PPG ch.0/ch.1
0 0 0 0 0 0XXB
00004DH
Prohibited
00004EH
PPG23
PPG2 and PPG3 Output Control
Register
R/W
PPG ch.2/ch.3
0 0 0 0 0 0 XXB
00004FH
Prohibited
000050H
PPG45
PPG4 and PPG5 Output Control
Register
R/W
PPG ch.4/ch.5
0 0 0 0 0 0 XXB
000051H
Prohibited
000052H
ICS01
Input Capture Control Status Register 01
R/W
Input Capture
ch.0/ch.1
0 0 0 0 0 0 0 0B
000053H
ICS23
Input Capture Control Status Register 23
R/W
Input
Capture ch.2/ch.3
0 0 0 0 0 0 0 0B
000054H
OCS0
Output Compare Control Register ch.0
Lower
R/W
Output
Compare
ch.0/ch.1
0 0 0 0 - - 0 0B
000055H
OCS1
Output Compare Control Register ch.1
Upper
R/W
- - - 0 0 0 0 0B
000056H
OCS2
Output Compare Control Register ch.2
Lower
R/W
Output
Compare
ch.2/ch.3
0 0 0 0 - - 0 0B
000057H
OCS3
Output Compare Control Register ch.3
Upper
R/W
- - - 0 0 0 0 0B
000058H
SMCS
Serial Mode Control Status Register
R/W
Extended Serial
I/O
XXXX0 0 0 0B
000059H
0 0 0 0 0 0 1 0B
00005AH
SDR
Serial Data Register
R/W
XXXXXXXXB
00005BH
SDCR
Communication Prescaler Control
Register
R/W
Communication
Prescaler
0XXX0 0 0 0B
00005CH
PWCSR
PWC Control Status Register
R/W
16-bit
PWC Timer
0 0 0 0 0 0 0 0B
00005DH
0 0 0 0 0 0 0 XB
00005EH
PWCR
PWC Data Buffer Register
R/W
0 0 0 0 0 0 0 0B
00005FH
0 0 0 0 0 0 0 0B
000060H
DIVR
PWC Dividing Ratio Control Register
R/W
- - - - - - 0 0B
000061H
Prohibited
000062H
TMCSR0
Timer Control Status Register 0
R/W
16-bit
Reload Timer
ch.0
0 0 0 0 0 0 0 0B
000063H
XXXX 0 0 0 0B
000064H
TMR0
16-bit Timer Register 0 Lower
R
XXXXXXXXB
TMRLR0
16-bit Reload Register 0 Lower
W
XXXXXXXXB
000065H
TMR0
16-bit Timer Register 0 Upper
R
XXXXXXXXB
TMRLR0
16-bit Reload Register 0 Upper
W
XXXXXXXXB


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com