Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 22 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 22 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 18Page - Fujitsu Component Limited. MB90330A Datasheet HTML 19Page - Fujitsu Component Limited. MB90330A Datasheet HTML 20Page - Fujitsu Component Limited. MB90330A Datasheet HTML 21Page - Fujitsu Component Limited. MB90330A Datasheet HTML 22Page - Fujitsu Component Limited. MB90330A Datasheet HTML 23Page - Fujitsu Component Limited. MB90330A Datasheet HTML 24Page - Fujitsu Component Limited. MB90330A Datasheet HTML 25Page - Fujitsu Component Limited. MB90330A Datasheet HTML 26Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 120 page
background image
MB90330A Series
22
■ I/O MAP
(Continued)
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
000000H
PDR0
Port 0 Data Register
R/W
Port 0
XXXXXXXXB
000001H
PDR1
Port 1 Data Register
R/W
Port 1
XXXXXXXXB
000002H
PDR2
Port 2 Data Register
R/W
Port 2
XXXXXXXXB
000003H
PDR3
Port 3 Data Register
R/W
Port 3
XXXXXXXXB
000004H
PDR4
Port 4 Data Register
R/W
Port 4
XXXXXXXXB
000005H
PDR5
Port 5 Data Register
R/W
Port 5
XXXXXXXXB
000006H
PDR6
Port 6 Data Register
R/W
Port 6
XXXXXXXXB
000007H
PDR7
Port 7 Data Register
R/W
Port 7
XXXXXXXXB
000008H
PDR8
Port 8 Data Register
R/W
Port 8
XXXXXXXXB
000009H
PDR9
Port 9 Data Register
R/W
Port 9
- XXXXXXXB
00000AH
PDRA
Port A Data Register
R/W
Port A
XXXXXXXXB
00000BH
Prohibited
00000CH
PDRB
Port B Data Register
R/W
Port B
- XXXXXXXB
00000DH
DDRB
Port B Direction Register
R/W
Port B
- 0 0 0 0 0 0 0B
00000EH
Prohibited
00000FH
000010H
DDR0
Port 0 Direction Register
R/W
Port 0
0 0 0 0 0 0 0 0B
000011H
DDR1
Port 1 Direction Register
R/W
Port 1
0 0 0 0 0 0 0 0B
000012H
DDR2
Port 2 Direction Register
R/W
Port 2
0 0 0 0 0 0 0 0B
000013H
DDR3
Port 3 Direction Register
R/W
Port 3
0 0 0 0 0 0 0 0B
000014H
DDR4
Port 4 Direction Register
R/W
Port 4
0 0 0 0 0 0 0 0B
000015H
DDR5
Port 5 Direction Register
R/W
Port 5
0 0 0 0 0 0 0 0B
000016H
DDR6
Port 6 Direction Register
R/W
Port 6
0 0 0 0 0 0 0 0B
000017H
DDR7
Port 7 Direction Register
R/W
Port 7
0 0 0 0 0 0 0 0B
000018H
DDR8
Port 8 Direction Register
R/W
Port 8
0 0 0 0 0 0 0 0B
000019H
DDR9
Port 9 Direction Register
R/W
Port 9
- 0 0 0 0 0 0 0B
00001AH
DDRA
Port A Direction Register
R/W
Port A
0 0 0 0 0 0 0 0B
00001BH
ODR4
Port 4 Output Pin Register
R/W
Port 4
(open drain control)
0 0 0 0 0 0 0 0B
00001CH
RDR0
Port 0 Pull-up Resistance Register
R/W
Port 0 (PULL-UP)
0 0 0 0 0 0 0 0B
00001DH
RDR1
Port 1 Pull-up Resistance Register
R/W
Port 1 (PULL-UP)
0 0 0 0 0 0 0 0B
00001EH
ADER0
Analog Input Enable Register 0
R/W
Port 7, 8, A/D
1 1 1 1 1 1 1 1B
00001FH
ADER1
Analog Input Enable Register 1
R/W
Port 7, 8, A/D
1 1 1 1 1 1 1 1B
000020H
SMR0
Serial Mode Register 0
R/W
UART0
0 0 1 0 0 0 0 0B
000021H
SCR0
Serial Control Register 0
R/W
0 0 0 0 0 1 0 0B
000022H
SIDR0
Serial Input Data Register 0
R
XXXXXXXXB
SODR0
Serial Output Data Register 0
W
000023H
SSR0
Serial Status Register 0
R/W
0 0 0 0 1 0 0 0B
000024H
UTRLR0
UART Prescaler Reload Register 0
R/W
Communication
Prescaler (UART0)
0 0 0 0 0 0 0 0B
000025H
UTCR0
UART Prescaler Control Register 0
R/W
0 0 0 0 - 0 0 0B


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com