Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90330A Datasheet HTML 1Page - Fujitsu Component Limited. MB90330A Datasheet HTML 2Page - Fujitsu Component Limited. MB90330A Datasheet HTML 3Page - Fujitsu Component Limited. MB90330A Datasheet HTML 4Page - Fujitsu Component Limited. MB90330A Datasheet HTML 5Page - Fujitsu Component Limited. MB90330A Datasheet HTML 6Page - Fujitsu Component Limited. MB90330A Datasheet HTML 7Page - Fujitsu Component Limited. MB90330A Datasheet HTML 8Page - Fujitsu Component Limited. MB90330A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 120 page
background image
MB90330A Series
2
(Continued)
• Bank addressing
• Instruction system
• Data types : Bit, Byte, Word and Long word
• Addressing mode (23 types)
• Enhanced high-precision computing with 32-bit accumulator
• Enhanced Multiply/Divide instructions with sign and the RETI instruction
• Instruction system compatible with high-level language (C language) and multi-task
• Employing system stack pointer
• Instruction set symmetry and barrel shift instructions
• Program Patch Function (2 address pointer)
• 4-byte instruction queue
• Interrupt function
• Priority levels are programmable
• 32 interrupts function
• Data transfer function
• Extended intelligent I/O service function (EI2OS) : Maximum of 16 channels
µDMAC : Maximum 16 channels
• Low Power Consumption Mode
• Sleep mode (with the CPU operating clock stopped)
• Time-base timer mode (with the oscillator clock and time-base timer operating)
• Stop mode (with the oscillator clock stopped)
• CPU intermittent operation mode (with the CPU operating at fixed intervals of set cycles)
• Watch mode (with 32 kHz oscillator clock and watch timer operating)
• Package
• LQFP-120P (FPT-120P-M05 : 0.40 mm pin pitch)
• LQFP-120P (FPT-120P-M21 : 0.50 mm pin pitch)
• Process : CMOS technology
• Operation guaranteed temperature : − 40 °C to + 85 °C (0 °C to + 70 °C when USB is in use)


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com