Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 16 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 16 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 12Page - Fujitsu Component Limited. MB90330A Datasheet HTML 13Page - Fujitsu Component Limited. MB90330A Datasheet HTML 14Page - Fujitsu Component Limited. MB90330A Datasheet HTML 15Page - Fujitsu Component Limited. MB90330A Datasheet HTML 16Page - Fujitsu Component Limited. MB90330A Datasheet HTML 17Page - Fujitsu Component Limited. MB90330A Datasheet HTML 18Page - Fujitsu Component Limited. MB90330A Datasheet HTML 19Page - Fujitsu Component Limited. MB90330A Datasheet HTML 20Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 120 page
background image
MB90330A Series
16
6.
About Crystal oscillator circuit
Noise near the X0/X1 pins and X0A/X1A pins may cause the device to malfunction. Design the printed circuit
board so that X0/X1 pins and X0A/X1A pins, the crystal oscillator (or the ceramic oscillator) and the bypass
capacitor to ground are located as close to the device as possible.
It is strongly recommended to design the PC board artwork with the X0/X1 pins and X0A/X1A pins surrounded
by ground plane because stable operation can be expected with such a layout.
Please ask the crystal maker to evaluate the oscillational characteristics of the crystal and this device.
7.
Caution on Operations during PLL Clock Mode
On this microcontroller, if in case the crystal oscillator breaks off or an external reference clock input stops while
the PLL clock mode is selected, a self-oscillator circuit contained in the PLL may continue its operation at its
self-running frequency. However, Fujitsu Microelectronics will not guarantee results of operations if such failure
occurs.
8.
Stabilization of supply voltage
A sudden change in the supply voltage may cause the device to malfunction even within the VCC supply voltage
operating range. For stabilization reference, the supply voltage should be stabilized so that VCC ripple variations
(peak-to-peak value) at commercial frequencies (50 Hz/60 Hz) fall below 10
% of the standard VCC supply voltage
and the transient regulation does not exceed 0.1 V/ms at temporary changes such as power supply switching.
9.
When the dual-supply is used as a single-supply device
If you are using only a single-system of the MB90330A series that come in the dual-system product, use it with
X0A
= VSS : X1A = OPEN.
10. Writing to flash memory
For serial writing to flash memory, always make sure that the operating voltage VCC is between 3.13 V and 3.6 V.
For normal writing to flash memory, always make sure that the operating voltage VCC is between 3.0 V and 3.6 V.


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com