Electronic Components Datasheet Search |
|
MB90330A Datasheet(PDF) 11 Page - Fujitsu Component Limited. |
|
|
MB90330A Datasheet(HTML) 11 Page - Fujitsu Component Limited. |
11 / 120 page MB90330A Series 11 (Continued) * : For circuit information, refer to “ ■ I/O CIRCUIT TYPE”. Pin no. Pin name I/O Circuit type* Function 56 to 59 PA0 to PA3 C General purpose input/output port. (Withstand voltage of 5 V) IN0 to IN3 Function as the input capture ch.0 to ch.3 trigger inputs. 60 to 63 PA4 to PA7 C General purpose input/output port. (Withstand voltage of 5 V) OUT0 to OUT3 Function as the output compare ch.0 to ch.3 event output pins. 64 PB0 C General purpose input/output port. (Withstand voltage of 5 V) SCL1 Function as the ch.1 clock I/O pin for the I2C interface. Set port output to High-Z during I2C interface operations. 65 PB1 C General purpose input/output port. (Withstand voltage of 5 V) SDA1 Function as the ch.1 data I/O pin for the I2C interface. Set port output to High-Z during I2C interface operations. 66 PB2 C General purpose input/output port. (Withstand voltage of 5 V) SCL2 Function as the ch.2 clock I/O pin for the I2C interface. Set port output to High-Z during I2C interface operations. 67 PB3 C General purpose input/output port. (Withstand voltage of 5 V) SDA2 Function as the ch.2 data I/O pin for the I2C interface. Set port output to High-Z during I2C interface operations. 68 PB4 C General purpose input/output port. (Withstand voltage of 5 V) 69, 70 PB5, PB6 D General purpose input/output port. PPG4, PPG5 Function as ch.4 and ch.5 output pins for the 8-bit PPG timer. 71 UTEST C USB test pin. Connect this to a pull-down resistor during normal usage. 73 DVM K USB function D − pin. 74 DVP K USB function D + pin. 77 HVM K USB Mini-HOST D − pin. 78 HVP K USB Mini-HOST D + pin. 80 HCON E External pull-up resistor connect pin. 36 AVcc ⎯ A/D converter power supply pin. 37 AVRH J A/D converter external reference power supply pin. 38 AVss ⎯ A/D converter power supply pin. 87 to 89 MD2 to MD0 B Operation mode select input pin. 15 Vcc ⎯ Power supply pin. 75 Vcc ⎯ Power supply pin. 79 Vcc ⎯ Power supply pin. 105 Vcc ⎯ Power supply pin. 16 Vss ⎯ Power supply pin (GND). 47 Vss ⎯ Power supply pin (GND). 72 Vss ⎯ Power supply pin (GND). 76 Vss ⎯ Power supply pin (GND). 106 Vss ⎯ Power supply pin (GND). |
Similar Part No. - MB90330A |
|
Similar Description - MB90330A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |