Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 106 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 106 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 102Page - Fujitsu Component Limited. MB90330A Datasheet HTML 103Page - Fujitsu Component Limited. MB90330A Datasheet HTML 104Page - Fujitsu Component Limited. MB90330A Datasheet HTML 105Page - Fujitsu Component Limited. MB90330A Datasheet HTML 106Page - Fujitsu Component Limited. MB90330A Datasheet HTML 107Page - Fujitsu Component Limited. MB90330A Datasheet HTML 108Page - Fujitsu Component Limited. MB90330A Datasheet HTML 109Page - Fujitsu Component Limited. MB90330A Datasheet HTML 110Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 120 page
background image
MB90330A Series
106
(11) Bus write timing
(VCC
= AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V, TA = 0 °C to + 70 °C)
Note : tCP : Refer to “ (1) Clock input timing”.
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Valid address
→WR↓
time
tAVWL
Address,
WR
tCP
− 15
ns
WR pulse width
tWLWH
WRL, WRH
3 tCP
/2 − 25
ns
At fcp
= 24 MHz
3 tCP
/2 − 20
ns
At fcp
= 12 MHz
Valid data output
→WR↑
time
tDVWH
Data, WR
3 tCP
/2 − 15
ns
WR
↑→data hold time
tWHDX
WR,
Data
10
ns
At fcp
= 24 MHz
20
ns
At fcp
= 12 MHz
30
ns
At fcp
= 6 MHz
WR
↑→address valid time
tWHAX
WR,
Address
tCP
/2 − 10
ns
WR
↑→ALE↑time
tWHLH
WR, ALE
tCP
/2 − 15
ns
WR
↓→CLK↑time
tWLCH
WR, CLK
tCP
/2 − 17
ns
WR
(WRL, WRH)
0.8 V
0.8 V
2.4 V
2.4 V
2.4 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
CLK
ALE
A23 to A16
AD15 to AD00
tWHLH
tAVWL
tDVWH
tDVWH
tWLWH
tWHAX
tWHDX
tWLCH
0.8 V
2.4 V
0.8 V
2.4 V
A23 to A00
D15 to D00
tWHAX
tWHDX
0.8 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
Address
Write data
Write data
In multiplex mode
In non-multiplex mode


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com