Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 101 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 101 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 97Page - Fujitsu Component Limited. MB90330A Datasheet HTML 98Page - Fujitsu Component Limited. MB90330A Datasheet HTML 99Page - Fujitsu Component Limited. MB90330A Datasheet HTML 100Page - Fujitsu Component Limited. MB90330A Datasheet HTML 101Page - Fujitsu Component Limited. MB90330A Datasheet HTML 102Page - Fujitsu Component Limited. MB90330A Datasheet HTML 103Page - Fujitsu Component Limited. MB90330A Datasheet HTML 104Page - Fujitsu Component Limited. MB90330A Datasheet HTML 105Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 120 page
background image
MB90330A Series
101
(6) I2C timing
(VCC
= AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V, TA = − 40 °C to + 85 °C)
*1 : fCP is internal operating clock frequency. Refer to “ (1) Clock input timing”.
*2 : R and C are pull-up resistance of SCL and SDA lines and load capacitance.
*3 : The maximum tHDDAT only has to be met if the device does not stretch the “L” width (tLOW) of the SCL signal.
*4 : Refer to “
• Note of SDA, SCL set-up time”.
Parameter
Symbol
Conditions
Value
Unit
Min
Max
SCL clock frequency
fSCL
Power-supply voltage of external pull-up
resistor at 5.0 V.
R
= 1.2 kΩ, C = 50 pF*2
Power-supply voltage of external pull-up
resistor at 3.6 V.
R
= 1.0 kΩ, C = 50 pF*2
0
100
kHz
(Repeat) [start] condition hold
time
SDA
↓ → SCL ↓
tHDSTA
4.0
⎯µs
SCL clock “L” width
tLOW
4.7
⎯µs
SCL clock “H” width
tHIGH
4.0
⎯µs
Repeat [start] condition setup time
SCL
↑ → SDA ↓
tSUSTA
4.7
⎯µs
Data hold time
SCL
↓ → SDA ↓ ↑
tHDDAT
03.45*3
µs
Data setup time
SDA
↓ ↑ → SCL ↑
tSUDAT
Power-supply voltage of external pull-up
resistor at 5.0 V.
fCP*1
≤ 20 MHz, R = 1.2 kΩ, C = 50 pF*2
Power-supply voltage of external pull-up
resistor at 3.6 V.
fCP*1
≤ 20 MHz, R = 1.0 kΩ, C = 50 pF*2
250*4
ns
Power-supply voltage of external pull-up
resistor at 5.0 V.
fCP*1
> 20 MHz, R = 1.2 kΩ, C = 50 pF*2
Power-supply voltage of external pull-up
resistor at 3.6 V.
fCP*1
> 20 MHz, R = 1.0 kΩ, C = 50 pF*2
200*4
[Stop] condition setup time
SCL
↑ → SDA ↑
tSUSTO
Power-supply voltage of external pull-up
resistor at 5.0 V.
R
= 1.2 kΩ, C = 50 pF*2
Power-supply voltage of external pull-up
resistor at 3.6 V.
R
= 1.0 kΩ, C = 50 pF*2
4.0
⎯µs
Bus free time between [stop]
condition and [start] condition
tBUS
4.7
⎯µs


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com