![]() |
Electronic Components Datasheet Search |
|
MB90330A Datasheet(PDF) 10 Page - Fujitsu Component Limited. |
|
|
MB90330A Datasheet(HTML) 10 Page - Fujitsu Component Limited. |
10 / 120 page ![]() MB90330A Series 10 (Continued) Pin no. Pin name I/O Circuit type* Function 23 P62 C General purpose input/output ports. (Withstand voltage of 5 V) INT2 Function as an external interrupt ch.2 input pin. SIN Extended I/O serial interface data input pin. 24 P63 C General purpose input/output port. (Withstand voltage of 5 V) INT3 Function as an external interrupt ch.3 input pin. SOT Extended I/O serial interface data output pin. 25 P64 C General purpose input/output port. (Withstand voltage of 5 V) INT4 Function as an external interrupt ch.4 input pin. SCK Extended I/O serial interface clock input/output pin. 26 P65 C General purpose input/output port. (Withstand voltage of 5 V) INT5 Function as an external interrupt ch.5 input pin. PWC Function as the PWC input pin. 27 P66 C General purpose input/output port. (Withstand voltage of 5 V) INT6 Function as an external interrupt ch.6 input pin. SCL0 Function as the ch.0 clock I/O pin for the I2C interface. Set port output to High-Z during I2C interface operations. 28 P67 C General purpose input/output port. (Withstand voltage of 5 V) INT7 Function as an external interrupt ch.7 input pin. SDA0 Function as the ch.0 data I/O pin for the I2C interface. Set port output to High-Z during I2C interface operations. 39 to 46 P70 to P77 I General purpose input/output port. AN0 to AN7 Function as input pins for analog ch.0 to ch.7. 48 to 55 P80 to P87 I General purpose input/output port. AN8 to AN15 Function as input pins for analog ch.8 to ch.15. 29 P90 D General purpose input/output port. SIN2 Function as a data input pin for UART ch.2. 30 P91 D General purpose input/output port. SOT2 Function as a data output pin for UART ch.2. 31 P92 D General purpose input/output port. SCK2 Function as a clock I/O pin for UART ch.2. 32 P93 D General purpose input/output port. SIN3 Function as a data input pin for UART ch.3. 33 P94 D General purpose input/output port. SOT3 Function as a data output pin for UART ch.3. 34 P95 D General purpose input/output port. SCK3 Function as a clock I/O pin for UART ch.3. 35 P96 C General purpose input/output port. (Withstand voltage of 5 V) ADTG Function as the external trigger input pin when the A/D converter is being used. FRCK Function as the external clock input pin when the free-run timer is being used. |
Similar Part No. - MB90330A |
|
Similar Description - MB90330A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |