Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90330A Datasheet HTML 1Page - Fujitsu Component Limited. MB90330A Datasheet HTML 2Page - Fujitsu Component Limited. MB90330A Datasheet HTML 3Page - Fujitsu Component Limited. MB90330A Datasheet HTML 4Page - Fujitsu Component Limited. MB90330A Datasheet HTML 5Page - Fujitsu Component Limited. MB90330A Datasheet HTML 6Page - Fujitsu Component Limited. MB90330A Datasheet HTML 7Page - Fujitsu Component Limited. MB90330A Datasheet HTML 8Page - Fujitsu Component Limited. MB90330A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
DS07-13734-3Ea
FUJITSU MICROELECTRONICS
DATA SHEET
“Check Sheet” is seen at the following support page
URL : http://edevice.fujitsu.com/micom/en-support/
“Check Sheet” lists the minimal requirement items to be checked to prevent problems beforehand in system
development.
Be sure to refer to the “Check Sheet” for the latest cautions on development.
Copyright©2004-2008 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2007.11
16-bit Microcontroller
CMOS
F2MC-16LX MB90330A Series
MB90333A/F334A/MB90V330A
■ DESCRIPTION
The MB90330A series are 16-bit microcontrollers designed for applications, such as personal computer peripheral
devices, that require USB communications. The USB feature supports not only 12-Mbps Function operation but
also Mini-HOST operation. It is equipped with functions that are suitable for personal computer peripheral devices
such as displays and audio devices, and control of mobile devices that support USB communications. While
inheriting the AT architecture of the F2MC family, the instruction set supports the C language and extended
addressing modes and contains enhanced signed multiplication and division instructions as well as a substantial
collection of improved bit manipulation instructions. In addition, long word processing is now available by intro-
ducing a 32-bit accumulator.
Note : F2MC is the abbreviation of FUJITSU Flexible Microcontroller.
■ FEATURES
• Clock
• Built-in oscillation circuit and PLL clock frequency multiplication circuit
• Oscillation clock
• The main clock is the oscillation clock divided into 2 (for oscillation 6 MHz : 3 MHz)
• Clock for USB is 48 MHz
• Machine clock frequency of 6 MHz, 12 MHz, or 24 MHz selectable
• Minimum execution time of instruction : 41.6 ns (6 MHz oscillation clock, 4-time multiplied : machine clock
24 MHz and at operating VCC
= 3.3 V.
• The maximum memory space : 16 Mbytes
• 24-bit addressing
(Continued)


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com