Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 91 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 91 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 87Page - Fujitsu Component Limited. MB90330A Datasheet HTML 88Page - Fujitsu Component Limited. MB90330A Datasheet HTML 89Page - Fujitsu Component Limited. MB90330A Datasheet HTML 90Page - Fujitsu Component Limited. MB90330A Datasheet HTML 91Page - Fujitsu Component Limited. MB90330A Datasheet HTML 92Page - Fujitsu Component Limited. MB90330A Datasheet HTML 93Page - Fujitsu Component Limited. MB90330A Datasheet HTML 94Page - Fujitsu Component Limited. MB90330A Datasheet HTML 95Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 120 page
background image
MB90330A Series
91
3.
DC Characteristics
(VCC
= AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V, TA = − 40 °C to + 85 °C)
(Continued)
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Output “H”
voltage
VOH
Output pins other than
P60 to P67, P96,
PA0 to PA7, PB0 to PB4,
HVP, HVM, DVP, DVM
IOH
= − 4.0 mA
VCC
− 0.5 ⎯
Vcc
V
HVP, HVM, DVP, DVM
RL
= 15 kΩ ± 5%
2.8
3.6
V
Output “L”
voltage
VOL
Output pins other than
HVP, HVM, DVP, DVM
IOL
= 4.0 mA
Vss
Vss
+ 0.4
V
HVP, HVM, DVP, DVM
RL
= 1.5 kΩ ± 5%
0
0.3
V
Input leak
current
IIL
Output pins other than
P60 to P67, P96,
PA0 to PA7,
PB0 to PB4, HVP, HVM,
DVP, DVM
VCC
= 3.3 V,
Vss < VI < VCC
− 10
⎯+ 10 µA
HVP, HVM, DVP, DVM
⎯− 5
⎯+ 5
µA
Pull-up
resistance
RPULL P00 to P07, P10 to P17
VCC
= 3.3 V,
TA
= + 25 °C
25
50
100
k
Open drain
output
current
ILIOD
P60 to P67, P96,
PA0 to PA7, PB0 to PB4
⎯⎯
0.1
10
µA
Power
supply
current
ICC
VCC
VCC
= 3.3 V,
Internal frequency 24 MHz,
At normal operating
At USB operating
(USTP
= 0)
75
85
mA MB90F334A
65
75
mA MB90333A
VCC
= 3.3 V,
Internal frequency 24 MHz,
At normal operating
At non-operating USB
(USTP
= 1)
70
80
mA MB90F334A
60
70
mA MB90333A
ICCS
VCC
= 3.3 V,
Internal frequency 24 MHz,
At sleep mode
27
40
mA
ICTS
VCC
= 3.3 V,
Internal frequency 24 MHz,
At timer mode
3.5
10
mA
VCC
= 3.3 V,
Internal frequency 3 MHz,
At timer mode
12
mA
ICCL
VCC
= 3.3 V,
Internal frequency 8 kHz,
At sub clock operation,
(TA
= +25 °C)
25
150
µA


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com