Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 90 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 90 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 86Page - Fujitsu Component Limited. MB90330A Datasheet HTML 87Page - Fujitsu Component Limited. MB90330A Datasheet HTML 88Page - Fujitsu Component Limited. MB90330A Datasheet HTML 89Page - Fujitsu Component Limited. MB90330A Datasheet HTML 90Page - Fujitsu Component Limited. MB90330A Datasheet HTML 91Page - Fujitsu Component Limited. MB90330A Datasheet HTML 92Page - Fujitsu Component Limited. MB90330A Datasheet HTML 93Page - Fujitsu Component Limited. MB90330A Datasheet HTML 94Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 120 page
background image
MB90330A Series
90
2.
Recommended Operating Conditions
(VSS
= AVSS = 0.0 V)
* : Applicable to pins : P60 to P67, P96, PA0 to PA7, PB0 to PB4, UTEST
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
3.0
3.6
V
At normal operation (when using USB)
2.7
3.6
V
At normal operation (when not using USB)
1.8
3.6
V
Hold state of stop operation
Input “H” voltage
VIH
0.7 VCC
VCC
+ 0.3
V
CMOS input pin
VIHS1
0.8 VCC
VCC
+ 0.3
V
CMOS hysteresis input pin
VIHS2
0.8 VCC
VSS
+ 5.3
V
N-ch open-drain
(Withstand voltage of 5 V I/O)*
VIHM
VCC
− 0.3
VCC
+ 0.3
V
MD pin input
VIHUSB
2.0
VCC
+ 0.3
V
USB pin input
Input “L” voltage
VIL
VSS
− 0.3
0.3 VCC
V
CMOS input pin
VILS
VSS
− 0.3
0.2 VCC
V
CMOS hysteresis input pin
VILM
VSS
− 0.3
VSS
+ 0.3
V
MD pin input
VILUSB
VSS
0.8
V
USB pin input
Differential input
sensitivity
VDI
0.2
V
USB pin input
Differential common
mode input voltage
range
VCM
0.8
2.5
V
USB pin input
Operating
temperature
TA
− 40
+ 85
°C
When not using USB
0
+ 70
°C
When using USB


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com