Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 5Page - Fujitsu Component Limited. MB90330A Datasheet HTML 6Page - Fujitsu Component Limited. MB90330A Datasheet HTML 7Page - Fujitsu Component Limited. MB90330A Datasheet HTML 8Page - Fujitsu Component Limited. MB90330A Datasheet HTML 9Page - Fujitsu Component Limited. MB90330A Datasheet HTML 10Page - Fujitsu Component Limited. MB90330A Datasheet HTML 11Page - Fujitsu Component Limited. MB90330A Datasheet HTML 12Page - Fujitsu Component Limited. MB90330A Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 120 page
background image
MB90330A Series
9
(Continued)
Pin no.
Pin name
I/O
Circuit
type*
Function
18
P45
G
General purpose input/output port.
A13
Function as the external address pin in non-multi-bus mode.
SIN1
Function as a data input pin for UART ch.1.
19
P46
G
General purpose input/output port.
A14
Function as the external address pin in non-multi-bus mode.
SOT1
Function as a data output pin for UART ch.1.
20
P47
G
General purpose input/output port.
A15
Function as the external address pin in non-multi-bus mode.
SCK1
Function as a clock I/O pin for UART ch.1.
81
P50
L
General purpose input/output port.
ALE
Function as the address latch enable signal pin in external bus mode.
82
P51
L
General purpose input/output port.
RD
Function as the read strobe output pin in external bus mode.
83
P52
L
General purpose input/output port.
WRL
Function as the data write strobe output pin on the lower side in external
bus mode. This pin functions as a general-purpose I/O port when the WRE
bit in the EPCR register is “0”.
84
P53
L
General purpose input/output port.
WRH
Function as the data write strobe output pin on the higher side in bus width
16-bit external bus mode. This pin functions as a general-purpose I/O port
when the WRE bit in the EPCR register is “0”.
85
P54
L
General purpose input/output port.
HRQ
Function as the hold request input pin in external bus mode. This pin
functions as a general-purpose I/O port when the HDE bit in the EPCR
register is “0”.
86
P55
L
General purpose input/output port.
HAK
Function as the hold acknowledge output pin in external bus mode. This pin
functions as a general-purpose I/O port when the HDE bit in the EPCR
register is “0”.
91
P56
L
General purpose input/output port.
RDY
Function as the external ready input pin in external bus mode. This pin
functions as a general-purpose I/O port when the RYE bit in the EPCR
register is “0”.
92
P57
L
General purpose input/output port.
CLK
Function as the machine cycle clock output pin in external bus mode. This
pin functions as a general-purpose I/O port when the CKE bit in the EPCR
register is “0”.
21, 22
P60, P61
C
General purpose input/output port. (With stand voltage of 5 V)
INT0, INT1
Function as external interrupt ch.0 and ch.1 input pins.


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com