Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 88 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 88 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 84Page - Fujitsu Component Limited. MB90330A Datasheet HTML 85Page - Fujitsu Component Limited. MB90330A Datasheet HTML 86Page - Fujitsu Component Limited. MB90330A Datasheet HTML 87Page - Fujitsu Component Limited. MB90330A Datasheet HTML 88Page - Fujitsu Component Limited. MB90330A Datasheet HTML 89Page - Fujitsu Component Limited. MB90330A Datasheet HTML 90Page - Fujitsu Component Limited. MB90330A Datasheet HTML 91Page - Fujitsu Component Limited. MB90330A Datasheet HTML 92Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 120 page
background image
MB90330A Series
88
■ ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
*1 : The parameter is based on VSS
= AVSS = 0.0 V.
*2 : Be careful not to let AVCC exceed VCC, for example, when the power is turned on.
*3 : Be careful not to let AVRH exceed AVcc.
*4 : VI and VO must not exceed Vcc + 0.3 V. However, if the maximum current to/from an input is limited by some
means with external components, the ICLAMP rating supersedes the VI rating.
*5 : Applicable to pins : P60 to P67, P96, PA0 to PA7, PB0 to PB4, UTEST
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1
VCC
VSS
− 0.3
VSS
+ 4.0
V
AVCC
VSS
− 0.3
VSS
+ 4.0
V
VCC
≥ AVCC*2
AVRH
VSS
− 0.3
VSS
+ 4.0
V
AVCC
≥ AVR ≥ 0 V*3
Input voltage*1
VI
VSS
− 0.3
VSS
+ 4.0
V
*4
VSS
− 0.3
VSS
+ 6.0
V
N-ch open-drain
(Withstand voltage of
5 V I/O)*5
− 0.5
VSS
+ 4.5
V
USB I/O
Output voltage*1
VO
VSS
− 0.3
VSS
+ 4.0
V
*4
− 0.5
VSS
+ 4.5
V
USB I/O
Maximum clamp current
ICLAMP
− 2.0
+2.0
mA
*6
Total maximum clamp current
Σ⏐ICLAMP⏐⎯
20
mA
*6
“L” level maximum output current
IOL1
10
mA
Other than USB I/O*7
IOL2
43
mA
USB I/O*7
“L” level average output current
IOLAV1
4mA
*8
IOLAV2
15/4.5
mA
USB-IO (Full speed/
Low speed) *8
“L” level maximum total output current
ΣIOL
100
mA
“L” level average total output current
ΣIOLAV
50
mA
*9
“H” level maximum output current
IOH1
⎯− 10
mA
Other than USB I/O*7
IOH2
⎯− 43
mA
USB I/O*7
“H” level average output current
IOHAV1
⎯− 4mA
*8
IOHAV2
⎯−15/−4.5
mA
USB-IO (Full speed/
Low speed) *8
“H” level maximum total output current
ΣIOH
⎯− 100
mA
“H” level average total output current
ΣIOHAV
⎯− 50
mA
*9
Power consumption
Pd
340
mW
Operating temperature
TA
− 40
+ 85
°C
Storage temperature
Tstg
− 55
+ 150
°C
− 55
+ 125
°C
USB I/O


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com