Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 87 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 87 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 83Page - Fujitsu Component Limited. MB90330A Datasheet HTML 84Page - Fujitsu Component Limited. MB90330A Datasheet HTML 85Page - Fujitsu Component Limited. MB90330A Datasheet HTML 86Page - Fujitsu Component Limited. MB90330A Datasheet HTML 87Page - Fujitsu Component Limited. MB90330A Datasheet HTML 88Page - Fujitsu Component Limited. MB90330A Datasheet HTML 89Page - Fujitsu Component Limited. MB90330A Datasheet HTML 90Page - Fujitsu Component Limited. MB90330A Datasheet HTML 91Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 120 page
background image
MB90330A Series
87
The control circuit shown in the figure is required for using the P60, P61, SIN0, SOT0 and SCK0 pins on the
user system. Isolate the user circuit during serial on-board writing, with the /TICS signal of the flash microcon-
troller programmer.
The MB90F334A serial clock frequency that can be input is determined by the following expression:
Use the flash microcontroller programmer to change the serial clock input frequency setting depending on the
oscillator clock frequency to be used.
Inputable serial clock frequency = 0.125
× oscillation clock frequency.
• Maximum serial clock frequency
System configuration of the flash microcontroller programmer (AF220/AF210/AF120/AF110) (made by Yokogawa Digital
Computer Corporation)
Contact to : Yokogawa Digital Computer Corporation TEL : 81-423-33-6224
Note : The AF200 flash microcontroller programmer is a retired product, but it can be supported using control
module FF201.
Oscillation
clock frequency
Maximum serial clock
frequency acceptable to the
flash microcontroller
Maximum serial clock
frequency that can be set
with the AF220, AF210,
AF120 or AF110
Maximum serial clock
frequency that can be set
with the AF200
At 6 MHz
750 kHz
500 kHz
500 kHz
Part number
Function
Unit
AF220/AC4P
Model with internal Ethernet interface
/100 V to 220 V power adapter
AF210/AC4P
Standard model
/100 V to 220 V power adapter
AF120/AC4P
Single key internal Ethernet interface mode
/100 V to 220 V power adapter
AF110/AC4P
Single key model
/100 V to 220 V power adapter
AZ221
PC/AT RS232C cable for writer
AZ210
Standard target probe (a) length : 1 m
FF201
Control module for Fujitsu Microelectronics F2MC-16LX flash microcontroller control
module
AZ290
Remote controller
/P4
4 Mbytes PC Card (option) Flash memory capacity to 512 Kbytes correspondence
10 k
AF220, AF210, AF120, AF110
program control pin
AF220, AF210, AF120, AF110,
/TICS pin
MB90F334A program control
pin
User
• Control circuit


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com