![]() |
Electronic Components Datasheet Search |
|
MB90330A Datasheet(PDF) 86 Page - Fujitsu Component Limited. |
|
|
MB90330A Datasheet(HTML) 86 Page - Fujitsu Component Limited. |
86 / 120 page ![]() MB90330A Series 86 • Standard configuration for Fujitsu Microelectronics standard serial on-board writing The flash microcontroller programmer (AF220/AF210/AF120/AF110) made by Yokogawa Digital Computer Cor- poration is used for Fujitsu Microelectronics standard serial on-board writing. Note : Inquire of Yokogawa Digital Computer Corporation for details about the functions and operations of the AF220, AF210, AF120 and AF110 flash microcontroller programmer, general-purpose common cable for connection (AZ210) and connectors. • Pins Used for Fujitsu Microelectronics Standard Serial On-board Programming Pin Function Description MD2, MD1, MD0 Mode input pins The device enters the serial program mode by setting MD2=1, MD1=1 and MD0 =0. X0, X1 Oscillation pins Because the internal CPU operation clock is set to be the 1 multiplication PLL clock in the serial write mode, the internal operation clock frequency is the same as the oscillation clock frequency. P60, P61 Programming program start pins Input a Low level to P60 and a High level to P61. RST Reset input pin ⎯ SIN0 Serial data input pins. UART0 is used as CLK synchronous mode. In program mode, the pins used for the UART0 CLK synchronous mode are SIN0, SOT0 and SCK0. SOT0 Serial data output pin SCK0 Serial clock input pin VCC Power source input pin When supplying the write voltage (MB90F334A : 3.3 V ± 0.3 V) from the user system, connection with the flash microcontroller programmer is not necessary. When connecting, do not short-circuit with the user power supply. VSS GND Pin Share GND with the flash microcontroller programmer. Host interface cable (AZ201) General-purpose common cable (AZ210) CLK synchronous serial MB90F334A user system RS232C Can operate stand alone Flash microcontroller programmer + Memory card |
Similar Part No. - MB90330A |
|
Similar Description - MB90330A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |