Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 84 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 84 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 80Page - Fujitsu Component Limited. MB90330A Datasheet HTML 81Page - Fujitsu Component Limited. MB90330A Datasheet HTML 82Page - Fujitsu Component Limited. MB90330A Datasheet HTML 83Page - Fujitsu Component Limited. MB90330A Datasheet HTML 84Page - Fujitsu Component Limited. MB90330A Datasheet HTML 85Page - Fujitsu Component Limited. MB90330A Datasheet HTML 86Page - Fujitsu Component Limited. MB90330A Datasheet HTML 87Page - Fujitsu Component Limited. MB90330A Datasheet HTML 88Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 120 page
background image
MB90330A Series
84
22. 3 Mbits flash memory
The description that follows applies to the flash memory built in the MB90F334A; it is not applicable to evaluation
ROM or MASK ROM.
The flash memory is located in bank FF in the CPU memory map.
• Function to flash memory
Description
Memory capacity
3072 Kbits (384 Kbytes)
Memory configuration
384 Kwords
× 8 bits/192 Kwords × 16 bits
Sector configuration
64 Kbytes
× 5 + 32 Kbytes + 8 Kbytes × 2 + 16 Kbytes
Sector protect function
Possibility that set up with a recommendation parallel writer
Program algorithm
Automatic program algorithm (Embedded Algorithm : Similar to MBM29LV400TC)
Operation command
• Compatibility with the JEDEC standard-type command
• Built-in deletion pause/deletion resume function
• Detection of programming/erasure completion using data polling and the toggle bit
• Capable of erasing data sector by sector (in arbitrary combination of sectors)
Program/Erase cycle
At least 10000 times guaranteed
How to program and
erase memory
• Parallel programmer available for programming and erasure
(Flash Support Group, Inc. : AF9708, AF9709, AF9709B)
• Can be written and erased using a dedicated serial writer
(Yokogawa Digital Computer Corporation : AF220/AF210/AF120/AF110)
• Write/delete operation by program execution
Interrupt source
Programming/erasure completion sources
EI2OS supports
Not ready for expanded intelligent I/O service (EI2OS).


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com