Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 82 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 82 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 78Page - Fujitsu Component Limited. MB90330A Datasheet HTML 79Page - Fujitsu Component Limited. MB90330A Datasheet HTML 80Page - Fujitsu Component Limited. MB90330A Datasheet HTML 81Page - Fujitsu Component Limited. MB90330A Datasheet HTML 82Page - Fujitsu Component Limited. MB90330A Datasheet HTML 83Page - Fujitsu Component Limited. MB90330A Datasheet HTML 84Page - Fujitsu Component Limited. MB90330A Datasheet HTML 85Page - Fujitsu Component Limited. MB90330A Datasheet HTML 86Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 120 page
background image
MB90330A Series
82
20. Low power consumption (standby) mode
The F2MC-16LX can be set to save power consumption by selecting and setting the low power consumption mode.
• CPU operation mode and functional description
• Register list
CPU
operating
clock
Operation
mode
Description
PLL clock
Normal run
The CPU and peripheral resources operate at the clock frequency obtained by PLL
multiplication of oscillator clock (HCLK) frequency.
Sleep
Only peripheral resources operate at the clock frequency obtained by PLL multiplica-
tion of the oscillator clock (HCLK) .
Time-base
timer
Only the time-base timer operates at the clock frequency obtained by PLL multiplica-
tion of the oscillator clock (HCLK) frequency.
Stop
The CPU and peripheral resources are suspended with the oscillator clock stopped.
Main clock
Normal run
The CPU and peripheral resources operate at the clock frequency obtained by divid-
ing the oscillator clock (HCLK) frequency by two.
Sleep
Only peripheral resources operate at the clock frequency obtained by dividing the
oscillator clock (HCLK) frequency by two.
Time-base
timer
Only the time-base timer operates at the clock frequency obtained by dividing the
oscillator clock (HCLK) frequency by two.
Stop
The CPU and peripheral resources are suspended with the oscillator clock stopped.
Sub clock
Normal run
The CPU and peripheral resources operate at the clock frequency obtained by
dividing the sub clock (SCLK) frequency by four.
Sleep
Only peripheral resources operate at the clock frequency obtained by dividing the sub
clock (SCLK) frequency by four.
Watch
mode
Only the watch timer operates at the clock frequency obtained by dividing the
sub clock (SCLK) frequency by four.
Stop
The CPU and peripheral resources are suspended with the sub clock stopped.
CPU
intermittent
operation
mode
Normal run
The halved or PLL-multiplied oscillator clock (HCLK) frequency or the sub clock
(SCLK) frequency is used for operation while being decimated in a certain period.
Low power consumption mode control register (LPMCR)
bit
Initial Value
Address : 0000A0H
00011000B
( W )
( R/W )
( W )
( R/W )
( R/W )
( R/W )
( R/W )
76
5
4
3
2
1
0
SLP
( W )
STP
SPL
RST
TMD
CG1
CG0
Reserved


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com