Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 4Page - Fujitsu Component Limited. MB90330A Datasheet HTML 5Page - Fujitsu Component Limited. MB90330A Datasheet HTML 6Page - Fujitsu Component Limited. MB90330A Datasheet HTML 7Page - Fujitsu Component Limited. MB90330A Datasheet HTML 8Page - Fujitsu Component Limited. MB90330A Datasheet HTML 9Page - Fujitsu Component Limited. MB90330A Datasheet HTML 10Page - Fujitsu Component Limited. MB90330A Datasheet HTML 11Page - Fujitsu Component Limited. MB90330A Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 120 page
background image
MB90330A Series
8
(Continued)
Pin no.
Pin name
I/O
Circuit
type*
Function
117 to 120
P24 to P27
D
This is a general purpose I/O port. When the bits of external address
output control register (HACR) are set to “1” in external bus mode, these
pins function as general purpose I/O ports.
A20 to A23
When the bits of external address output control register (HACR) are set
to “0” in multiplex mode, these pins function as address high output pins.
A20 to A23
When the bits of external address output control register (HACR) are set
to “0” in non-multiplex mode, these pins function as address high output
pins.
PPG0 to PPG3
Function as ch.0 to ch.3 output pins for the 8-bit PPG timer.
1
P30
D
General purpose input/output port.
A00
Function as the external address pin in non-multi-bus mode.
TIN1
Function as an event input pin for 16-bit reload timer ch.1.
2
P31
D
General purpose input/output port.
A01
Function as the external address pin in non-multi-bus mode.
TOT1
Function as the output pin for 16-bit reload timer ch.1.
3
P32
D
General purpose input/output port.
A02
Function as the external address pin in non-multi-bus mode.
TIN2
Function as an event input pin for 16-bit reload timer ch.2.
4
P33
D
General purpose input/output port.
A03
Function as the external address pin in non-multi-bus mode.
TOT2
Function as the output pin for 16-bit reload timer ch.2.
5 to 8
P34 to P37
D
General purpose input/output port.
A04 to A07
Function as the external address pin in non-multi-bus mode.
9
P40
G
General purpose input/output port.
A08
Function as the external address pin in non-multi-bus mode.
TIN0
Function as an event input pin for 16-bit reload timer ch.0.
10
P41
G
General purpose input/output port.
A09
Function as the external address pin in non-multi-bus mode.
TOT0
Function as the output pin for 16-bit reload timer ch.0.
11
P42
G
General purpose input/output port.
A10
Function as the external address pin in non-multi-bus mode.
SIN0
Function as a data input pin for UART ch.0.
12
P43
G
General purpose input/output port.
A11
Function as the external address pin in non-multi-bus mode.
SOT0
Function as a data output pin for UART ch.0.
17
P44
G
General purpose input/output port.
A12
Function as the external address pin in non-multi-bus mode.
SCK0
Function as a clock I/O pin for UART ch.0.


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com