Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 78 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 78 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 74Page - Fujitsu Component Limited. MB90330A Datasheet HTML 75Page - Fujitsu Component Limited. MB90330A Datasheet HTML 76Page - Fujitsu Component Limited. MB90330A Datasheet HTML 77Page - Fujitsu Component Limited. MB90330A Datasheet HTML 78Page - Fujitsu Component Limited. MB90330A Datasheet HTML 79Page - Fujitsu Component Limited. MB90330A Datasheet HTML 80Page - Fujitsu Component Limited. MB90330A Datasheet HTML 81Page - Fujitsu Component Limited. MB90330A Datasheet HTML 82Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 120 page
background image
MB90330A Series
78
16. External bus pin control circuit
The external bus pin control circuit controls external bus pins to extend the CPU address and data buses to
externals.
• Register list
• Block Diagram
• Automatic ready function selection register (ARSR)
• External address output control register (HACR)
• Bus control signal selection register (EPCR)
bit
Initial Value
Address : 0000A5H
0011- - 00B
bit
Initial Value
Address : 0000A6H
* * * * * * * * B
bit
Initial Value
Address : 0000A7H
1000*10 -B
W
*
:Write only
:Unused
:“1” or “0”
(W)
(W)
(W)
(
⎯)(⎯)
(W)
(W)
15
14
13
12
11
10
9
8
ICR0
(W)
ICR1
HMR1
HMR0
⎯⎯
LMR1
LMR0
(W)
(W)
(W)
(W)
(W)
(W)
(W)
76
5
4
3
2
1
0
E22
(W)
E23
E21
E20
E19
E18
E17
E16
(W)
(W)
(W)
(W)
(W)
(W)
(
⎯)
15
14
13
12
11
10
98
RYE
(W)
CKE
HDE
Reserved HMBS
(W)RE
LMBS
P3
P2
P1
P0
P0
P5
RB
P4
P5
Access
control
Access control
Address control
Data control
P0 direction
P0 data


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com