Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 76 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 76 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 72Page - Fujitsu Component Limited. MB90330A Datasheet HTML 73Page - Fujitsu Component Limited. MB90330A Datasheet HTML 74Page - Fujitsu Component Limited. MB90330A Datasheet HTML 75Page - Fujitsu Component Limited. MB90330A Datasheet HTML 76Page - Fujitsu Component Limited. MB90330A Datasheet HTML 77Page - Fujitsu Component Limited. MB90330A Datasheet HTML 78Page - Fujitsu Component Limited. MB90330A Datasheet HTML 79Page - Fujitsu Component Limited. MB90330A Datasheet HTML 80Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 120 page
background image
MB90330A Series
76
15.
µDMAC
µDMAC is simple DMA with the function equal with EI2OS. It has 16 channels DMA transfer channels with the
following features.
• Performs automatic data transfer between the peripheral resource (I/O) and memory
• The program execution of CPU stops in the DMA start-up
• Capable of selecting whether to increment the transfer source and destination addresses
• DMA transfer is controlled by the DMA enable register, DMA stop status register, DMA status register, and
descriptor.
• A STOP request is available for stopping DMA transfer from the resource.
Upon completion of DMA transfer, the flag bit corresponding to the transfer completed channel in the DMA
status register is set and a termination interrupt is output to the transfer controller.
• Register list
(Continued)
DMA enable register upper (DERH)
DMA enable register lower (DERL)
DMA stop status register (DSSR)
DMA status register upper (DSRH)
DMA status register lower (DSRL)
DMA descriptor channel specification register (DCSR)
* : The DSSR is lower when the STP bit of DCSR in the DSSR is “0”.
The DSSR is upper when the STP bit of DCSR in the DSSR is “1”.
bit
Initial Value
Address : 0000ADH
00000000B
bit
Initial Value
Address : 0000ACH
00000000B
bit
Initial Value
Address : 0000A4H
00000000B
*
bit
Initial Value
Address : 00009DH
00000000B
bit
Initial Value
Address : 00009CH
00000000B
bit
Initial Value
Address : 00009BH
00000000B
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
15
14
13
12
11
10
9
8
EN14
( R/W )
EN15
EN13
EN12
EN11
EN10
EN9
EN8
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
76
5
4
3
2
1
0
EN6
( R/W )
EN7
EN5
EN4
EN3
EN2
EN1
EN0
76
5
4
3
2
1
0
STP6
STP14
STP7
STP15
STP5
STP13
STP4
STP12
STP3
STP11
STP2
STP10
STP1
STP9
STP0
STP8
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
15
14
13
12
11
10
9
8
DTE14
DTE15
DTE13
DTE12
DTE11
DTE10
DTE9
DTE8
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
76
5
4
3
2
1
0
DTE6
( R/W )
DTE7
DTE5
DTE4
DTE3
DTE2
DTE1
DTE0
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
15
14
13
12
11
10
9
8
( R/W )
STP
DCSR3 DCSR2 DCSR1 DCSR0
Reserved Reserved Reserved


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com