Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 72 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 72 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 68Page - Fujitsu Component Limited. MB90330A Datasheet HTML 69Page - Fujitsu Component Limited. MB90330A Datasheet HTML 70Page - Fujitsu Component Limited. MB90330A Datasheet HTML 71Page - Fujitsu Component Limited. MB90330A Datasheet HTML 72Page - Fujitsu Component Limited. MB90330A Datasheet HTML 73Page - Fujitsu Component Limited. MB90330A Datasheet HTML 74Page - Fujitsu Component Limited. MB90330A Datasheet HTML 75Page - Fujitsu Component Limited. MB90330A Datasheet HTML 76Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 120 page
background image
MB90330A Series
72
13. DTP/External interrupt circuit
DTP (Data Transfer Peripheral)/External interrupt circuit detects the interrupt request input from the external
interrupt input terminal (INT7 to INT0) , and outputs the interrupt request.
• DTP/External interrupt circuit function
The DTP/External interrupt function outputs an interrupt request upon detection of the edge or level signal input
to the external interrupt input pins (INT7 to INT0).
If CPU accepts the interrupt request, and if the extended intelligent I/O service (EI2OS) is enabled, branches to
the interrupt handling routine after completing the automatic data transfer (DTP function) performed by EI2OS.
And if EI2OS is disabled, it branches to the interrupt handling routine without activating the automatic data transfer
(DTP function) performed by EI2OS.
• Overview of DTP/External interrupt circuit
External interrupt
DTP function
Input pin
8 channels (P60/INT0, P61/INT1, P62/INT2/SIN, P63/INT3/SOT, P64/INT4/SCK,
P65/INT5/PWC, P66/INT6/SCL0, P67/INT7/SDA0)
Interrupt source
The detection level or the type of the edge for each terminal can be set in the
request level setting register (ELVR).
Input of H level/L level/rising edge/falling edge.
Interrupt number
#18 (12H), #20 (14H), #22 (16H), #24 (18H)
Interrupt control
Enabling/disabling the interrupt request output using the DTP/interrupt enable
register (ENIR)
Interrupt flag
Holding the interrupt causes using the DTP/interrupt cause register (EIRR)
Process setting
Disable EI2OS (ICR: ISE=“0”)
Enable EI2OS (ICR: ISE=“1”)
Process
Branched to the interrupt handling
routine
After an automatic data transfer by
EI2OS, branched to the interrupt
handling routine


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com