Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 70 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 70 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 66Page - Fujitsu Component Limited. MB90330A Datasheet HTML 67Page - Fujitsu Component Limited. MB90330A Datasheet HTML 68Page - Fujitsu Component Limited. MB90330A Datasheet HTML 69Page - Fujitsu Component Limited. MB90330A Datasheet HTML 70Page - Fujitsu Component Limited. MB90330A Datasheet HTML 71Page - Fujitsu Component Limited. MB90330A Datasheet HTML 72Page - Fujitsu Component Limited. MB90330A Datasheet HTML 73Page - Fujitsu Component Limited. MB90330A Datasheet HTML 74Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 120 page
background image
MB90330A Series
70
12. 8/10-bit A/D converter
The A/D converter converts analog input voltages into digital values and has the following features.
• RC sequential compare conversion method with sample and hold circuit
• Selectable 8-bit resolution or 10-bit resolution
• Analog input program-selectable from among 16 channels
Single conversion mode : Convert 1 selected channel
Scan conversion mode : Continuous plural channels (maximum 16 channels can be programmed) are converted.
Continuous conversion mode : Repeatedly convert the specified channels.
Stop conversion mode: Convert 1 channel then suspend conversion to remain on standby until the next
activation (Simultaneous conversion start available).
• An interrupt request to the CPU can be generated upon completion of A/D conversion. Suitable for continuous
processing as this interrupt activates
µDMA to transfer the data resulting from A/D conversion to memory.
• The activation source can be selected from among software, external trigger (falling edge), and timer (rising
edge).
• Register list
A/D control status register lower/upper (ADCS0/ADCS1)
A/D data register lower/upper (ADCR0/ADCR1)
A/D conversion channel selection register (ADMR)
bit
Initial Value
Address : 000040H
00 - - - - - 0B
bit
Initial Value
Address : 000041H
00000000B
bit
Initial Value
Address : 000042H
XXXXXXXXB
bit
Initial Value
Address : 000043H
00101XXXB
bit
Initial Value
Address : 000045H
00000000B
( R/W )
(
⎯ )( ⎯ )( ⎯ )( ⎯ )( ⎯ )
( R/W )
76
5
4
3
2
1
0
MD0
( R/W )
MD1
⎯⎯
Reserved
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( W )
( R/W )
15
14
13
12
11
10
9
8
INT
( R/W )
BUSY
INTE
PAUS
STS1
STS0
STRT
Reserved
( R )
( R )
( R )
( R )
( R )
( R )
( R )
76
5
4
3
2
1
0
D6
( R )
D7
D5
D4
D3
D2
D1
D0
( W )
( W )
( W )
( W )
(
⎯ )
( R )
( R )
15
14
13
12
11
10
9
8
ST1
( R/W )
S10
ST0
CT1
CT0
D9
D8
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
15
14
13
12
11
10
9
8
ANS2
( R/W )
ANS3
ANS1
ANS0
ANE3
ANE2
ANE1
ANE0


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com