Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 67 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 67 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 63Page - Fujitsu Component Limited. MB90330A Datasheet HTML 64Page - Fujitsu Component Limited. MB90330A Datasheet HTML 65Page - Fujitsu Component Limited. MB90330A Datasheet HTML 66Page - Fujitsu Component Limited. MB90330A Datasheet HTML 67Page - Fujitsu Component Limited. MB90330A Datasheet HTML 68Page - Fujitsu Component Limited. MB90330A Datasheet HTML 69Page - Fujitsu Component Limited. MB90330A Datasheet HTML 70Page - Fujitsu Component Limited. MB90330A Datasheet HTML 71Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 120 page
background image
MB90330A Series
67
11. USB Mini-HOST
USB Mini-HOST provides minimal host operations required and is a function that enables data to be transferred
to and from Device without PC intervention.
• Feature of USB Mini-HOST
• Automatic detection of Low Speed/Full Speed transfer
• Low Speed/Full Speed transfer support
• Automatic detection of connection and cutting device
• Reset sending function support to USB-bus
• Support of IN/OUT/SETUP/SOF token
• In-token handshake packet automatic transmission (excluding STALL)
• Out-token handshake packet automatic detection
• Supports a maximum packet length of 256 bytes.
• Error (CRC error/toggle error/time-out) various supports
• Wake-Up function support
• Differences between the USB HOST and USB Mini-HOST
: Supported
× : Not supported
HOST
Mini-HOST
Hub support
×
Transfer
Bulk transfer
Control transfer
Interrupt transfer
ISO transfer
×
Transfer speed
Low Speed
Full Speed
PRE packet support
×
SOF packet support
Error
CRC error
Toggle error
Time-out
Maximum packet < receive data
Detection of connection and cutting of device
Transfer speed detection


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com