Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 64 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 64 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 60Page - Fujitsu Component Limited. MB90330A Datasheet HTML 61Page - Fujitsu Component Limited. MB90330A Datasheet HTML 62Page - Fujitsu Component Limited. MB90330A Datasheet HTML 63Page - Fujitsu Component Limited. MB90330A Datasheet HTML 64Page - Fujitsu Component Limited. MB90330A Datasheet HTML 65Page - Fujitsu Component Limited. MB90330A Datasheet HTML 66Page - Fujitsu Component Limited. MB90330A Datasheet HTML 67Page - Fujitsu Component Limited. MB90330A Datasheet HTML 68Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 120 page
background image
MB90330A Series
64
10. USB Function
The USB function is an interface supporting the USB (Universal Serial Bus) communications protocol.
• Feature of USB function
• Correspond to USB Full Speed
• Full speed (12 Mbps) is supported.
• The device status is auto-answer.
• Bit stripping, bit stuffing, and automatic generation and check of CRC5 and CRC16
• Toggle check by data synchronization bit
• Automatic response to all standard commands except Get/SetDescriptor and SynchFrame commands (these
3 commands can be processed the same way as the class vendor commands).
• The class vendor commands can be received as data and responded via firmware.
• Supports up to 6 EndPoints (EndPoint0 is fixed to control transfer)
• 2 transfer data buffers integrated for each end point (one IN buffer and one OUT buffer for EndPoint 0)
• Supports automatic transfer mode for transfer data via DMA (except buffers for EndPoint 0)
• Register list
(Continued)
UDC control register (UDCC)
EP0 control register (EP0C)
EP1 control register (EP1C)
bit
Initial Value
Address : 0000D0H
10100000B
bit
Initial Value
Address : 0000D1H
00000000B
bit
Initial Value
Address : 0000D2H
01000000B
bit
Initial Value
Address : 0000D3H
XXXX0000B
bit
Initial Value
Address : 0000D4H
00000000B
bit
Initial Value
Address : 0000D5H
01100001B
( R/W )
( R/W )
( R/W )
(
⎯ )( ⎯ )
( R/W )
( R/W )
76
5
4
3
21
0
RESUM
( R/W )
RST
HCON
USTP
RFBK
PWC
Reserved Reserved
(
⎯ )( ⎯ )( ⎯ )( ⎯ )( ⎯ )( ⎯ )( ⎯ )
15
14
13
12
11
10
9
8
(
⎯ )
Reserved Reserved
Reserved
Reserved Reserved
Reserved Reserved
Reserved
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
76
5
4
3
2
1
0
PKS0
(
⎯ )
PKS0
PKS0
PKS0
PKS0
PKS0
PKS0
Reserved
(
⎯ )( ⎯ )( ⎯ )( ⎯ )( ⎯ )
( R/W )
(
⎯ )
15
14
13
12
11
10
9
8
(
⎯ )
⎯⎯
STAL
Reserved Reserved
Reserved
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
76
5
4
3
2
1
0
PKS1
( R/W )
PKS1
PKS1
PKS1
PKS1
PKS1
PKS1
PKS1
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
15
14
13
12
11
10
9
8
TYPE
( R/W )
EPEN
TYPE
DIR
DMAE
NULE
STAL
PKS1


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com