Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 46 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 46 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 42Page - Fujitsu Component Limited. MB90330A Datasheet HTML 43Page - Fujitsu Component Limited. MB90330A Datasheet HTML 44Page - Fujitsu Component Limited. MB90330A Datasheet HTML 45Page - Fujitsu Component Limited. MB90330A Datasheet HTML 46Page - Fujitsu Component Limited. MB90330A Datasheet HTML 47Page - Fujitsu Component Limited. MB90330A Datasheet HTML 48Page - Fujitsu Component Limited. MB90330A Datasheet HTML 49Page - Fujitsu Component Limited. MB90330A Datasheet HTML 50Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 120 page
background image
MB90330A Series
46
6.
Multi function timer
The multi-function timer enables the following based on the 16-bit free-run timer.
• Output of independent waveform
• Measurement of input pulse width
• Measurement of external clock cycle
• Configuration of a multi-functional timer
• 16-bit free-run timer : 1 channel
The 16-bit free-run timer consists of a 16-bit up counter (timer data register (TCDT)), compare clear register
(CPCLR), timer control status register (TCCS), and prescaler.
The counter output value of the 16-bit free-run timer is used as the base timer for the output compare and input
capture units.
• The count clock can be set, selected from among the following eight types.
1/
φ, 2/φ, 4/φ, 8/φ, 16/φ, 32/φ, 64/φ, 128/φ
φ : Machine clock frequency
• During the following conditions, the interrupt should be output.
- The counter value of 16-bit free run timer will be overflowed.
- The counter value of 16-bit free run timer will be cleared after the counter value of 16-bit free run timer
= the
compare clear register value (CPCLR) (TCCS : ICRE
= “1”, MODE = “1”)
• The counter value of 16-bit free run timer should be cleared to “0000H” during the following conditions.
• Reset
• When setting the clear bit (SCLR) of timer control status register (TCCS) to “1”
• When the counter value of the 16-bit free run timer = the compare clear register value (CPCLR) (TCCS :
MODE
= “1”)
• When setting “0000H” to the timer data register (TCDT)
• Output compare : 4 channels
The output compare unit consists of compare registers (OCCP0 to OCCP3), compare control registers (OCS0
to OCS3), and a compare output latch.
The output compare unit can invert the output level and output an interrupt when a compare register (OCCP0
to OCCP3) value matches the counter value of the 16-bit free-run timer.
• Output compare registers can operate as 4 independent channels. The output compare registers (OCCP0 to
OCCP3) of each channel have interrupt request flags of their respective output pins.
• Pin output can be inverted by using 2 channels of output compare registers (OCCP0 to OCCP3).
• If the counter value of 16-bit free run timer
= the output compare register (OCCP0 to OCCP3) (OCS0, OCS2 :
ICP0
= “1”, ICP1 = “1”), the interrupt request should be generated. (OCS0, OCS2 : ICE0 = “1”, ICE1 = “1”)
• The initial value for pin output of each channel can be set.
• Input capture : 4 channels
The input capture unit consists of the input capture data registers (IPCP0 to IPCP3) corresponding to external
input pins (IN0 to IN3) and input capture control registers (ICS01, ICS23).
The input capture unit can capture the counter value of the 16-bit free-run timer into the input capture data
register (IPCP0 to IPCP3) to generated an interrupt request upon detection of the effective edge of the signal
input through the external input.
16-bit free-run timer 16-bit Output Compare 16-bit Input Capture 8/16-bit PPG timer 16-bit PWC timer
1 channel
4 channels
4 channels
8-bit
× 6 channels
(16-bit
× 3 channels)
1 channel


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com