Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90330A Datasheet HTML 1Page - Fujitsu Component Limited. MB90330A Datasheet HTML 2Page - Fujitsu Component Limited. MB90330A Datasheet HTML 3Page - Fujitsu Component Limited. MB90330A Datasheet HTML 4Page - Fujitsu Component Limited. MB90330A Datasheet HTML 5Page - Fujitsu Component Limited. MB90330A Datasheet HTML 6Page - Fujitsu Component Limited. MB90330A Datasheet HTML 7Page - Fujitsu Component Limited. MB90330A Datasheet HTML 8Page - Fujitsu Component Limited. MB90330A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 120 page
background image
MB90330A Series
4
■ PRODUCT LINEUP
* : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used. Please refer to the
MB2147-01 or MB2147-20 hardware manual (3.3 Emulator-dedicated Power Supply Switching) about details.
Part number
MB90V330A
MB90F334A
MB90333A
Type
For evaluation
Built-in Flash memory
Built-in MASK ROM
ROM capacity
No
384 Kbytes
256 Kbytes
RAM capacity
28 Kbytes
24 Kbytes
16 Kbytes
Emulator-specific power supply *
Yes
CPU functions
Number of basic instructions
: 351 instructions
Minimum instruction execution time : 41.6 ns/at oscillation of 6 MHz
(When 4 times are used : Machine clock
of 24 MHz)
Addressing type
: 23 types
Program Patch Function
: For 2 address pointers
Maximum memory space
: 16 Mbytes
Ports
I/O Ports (CMOS) 94 ports
UART
Equipped with full-duplex double buffer
Clock synchronous or asynchronous operation selectable
It can also be used for I/O serial
Built-in special baud-rate generator
Built-in 4 channels
16-bit reload timer
16-bit reload timer operation
Built-in 3 channels
Multi-functional timer
16-bit free run timer
× 1 channel
Output compare
× 4 channels
Input capture
× 4 channels
8/16-bit PPG timer (8-bit mode
× 6 channels, 16-bit mode × 3 channels)
16-bit PWC timer
× 1 channel
8/10-bit A/D converter
16 channels (input multiplex)
8-bit resolution or 10-bit resolution can be set.
Conversion time : 7.16
µs at minimum (24 MHz machine clock at maximum)
DTP/External interrupt
8 channels
Interrupt factor : “L”
→“H” edge/“H”→“L” edge/“L” level/“H” level selectable
I2C
3 channels
Extended I/O serial interface
1 channel
USB
1 channel
USB function (correspond to USB Full Speed)
USB Mini-HOST function
External bus interface
For multi-bus/non-multi-bus
Withstand voltage of 5 V
16 ports (excluding UTEST and I/O for I2C)
Low Power Consumption Mode
Sleep mode/Time-base timer mode/Stop mode/CPU intermittent mode/
Watch mode
Process
CMOS
Operating voltage
3.3 V
± 0.3 V (at maximum machine clock 24 MHz)


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com