Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 39 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 39 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 35Page - Fujitsu Component Limited. MB90330A Datasheet HTML 36Page - Fujitsu Component Limited. MB90330A Datasheet HTML 37Page - Fujitsu Component Limited. MB90330A Datasheet HTML 38Page - Fujitsu Component Limited. MB90330A Datasheet HTML 39Page - Fujitsu Component Limited. MB90330A Datasheet HTML 40Page - Fujitsu Component Limited. MB90330A Datasheet HTML 41Page - Fujitsu Component Limited. MB90330A Datasheet HTML 42Page - Fujitsu Component Limited. MB90330A Datasheet HTML 43Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
MB90330A Series
39
2.
Time-base timer
The time-base timer is an 18-bit free-run counter (time-base timer counter) that counts in synchronization with
the main clock (2 cycles of the oscillation clock HCLK). Four different time intervals can be selected, for each of
which an interrupt request can be generated. Operating clock signals are supplied to peripheral resources such
as the oscillation stabilization wait timer and watchdog timer.
• Interval time of time-base timer
Notes :
• HCLK : Oscillation clock frequency
• The parenthesized values assume an oscillator clock frequency of 6 MHz.
• Clock cycles supplied from time-base timer
Notes :
• HCLK : Oscillation clock frequency
• The parenthesized values assume an oscillator clock frequency of 6 MHz.
• Register list
Internal count clock cycle
Interval time
2/HCLK (0.33
µs)
212/HCLK (Approx. 0.68 ms)
214/HCLK (Approx. 2.7 ms)
216/HCLK (Approx. 10.9 ms)
219/HCLK (Approx. 87.4 ms)
Where to supply clock
Clock cycle
Main clock oscillation
stabilization wait
213/HCLK (Approx. 1.36 ms)
215/HCLK (Approx. 5.46 ms)
217/HCLK (Approx. 21.84 ms)
Watch dog timer
212/HCLK (Approx. 0.68 ms)
214/HCLK (Approx. 2.7 ms)
216/HCLK (Approx. 10.9 ms)
219/HCLK (Approx. 87.4 ms)
Time-base timer control register (TBTC)
bit
Initial Value
Address : 0000A9H
1 - - 00100B
(
⎯ )( ⎯ )
( R/W )
( R/W )
( W )
( R/W )
( R/W )
15
14
13
12
11
10
9
8
( R/W )
RESV
TBIE
TBOF
TBR
TBC1
TBC0


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com