Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 36 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 36 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 32Page - Fujitsu Component Limited. MB90330A Datasheet HTML 33Page - Fujitsu Component Limited. MB90330A Datasheet HTML 34Page - Fujitsu Component Limited. MB90330A Datasheet HTML 35Page - Fujitsu Component Limited. MB90330A Datasheet HTML 36Page - Fujitsu Component Limited. MB90330A Datasheet HTML 37Page - Fujitsu Component Limited. MB90330A Datasheet HTML 38Page - Fujitsu Component Limited. MB90330A Datasheet HTML 39Page - Fujitsu Component Limited. MB90330A Datasheet HTML 40Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 120 page
background image
MB90330A Series
36
• Register list (Analog input enable register)
This register controls the port 7, 8 pins as follows.
0 : Port input/output mode.
1 : Analog input mode.
This bit becomes 1 after a reset.
• Register list (Port pull-up resistance register)
Controls the pull-up resistor in input mode.
0 : Without pull-up resistor in input mode.
1 : With pull-up resistor in input mode.
Meaningless in output mode. (Without pull-up resistor)/The input/output mode is decided by the setting of the
port direction register (DDR).
Without pull-up resistor is used in stop mode (SPL = 1). (High-Z) This function is disabled when the external
bus is used. Do not attempt to write to this register.
• Register list (Output pin register)
Controls open-drain in output mode.
0 : Serves as a standard output port in output mode.
1 : Serves as an open-drain output port in output mode.
Meaningless in input mode (output High-Z)./The input/output mode is decided by the setting of the port direction
register (DDR). This function is disabled when the external bus is used. Do not attempt to write to this register.
ADER0
bit
Initial Value Access
Address : 00001EH
11111111B
R/W
ADER1
bit
Address : 00001FH
11111111B
R/W
76
5
4
3
2
1
0
ADE3
ADE2
ADE1
ADE0
ADE7
ADE6
ADE5
ADE4
15
14
13
12
11
10
9
8
ADE11
ADE10
ADE9
ADE8
ADE15
ADE14
ADE13
ADE12
RDR0
bit
Initial Value Access
Address : 00001CH
00000000B
R/W
RDR1
bit
Address : 00001DH
00000000B
R/W
76
5
4
3
2
1
0
RD06
RD07
RD05
RD04
RD03
RD02
RD01
RD00
15
14
13
12
11
10
9
8
RD16
RD17
RD15
RD14
RD13
RD12
RD11
RD10
ODR4
bit
Initial Value Access
Address : 00001BH
00000000B
R/W
76
5
4
3
2
1
0
OD46
OD47
OD45
OD44
OD43
OD42
OD41
OD40


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com