Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ50 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # AZ50
Description  HIGH VACUUM FULL WAVE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AZ50 Datasheet(HTML) 2 Page - NXP Semiconductors

  AZ50 Datasheet HTML 1Page - NXP Semiconductors AZ50 Datasheet HTML 2Page - NXP Semiconductors AZ50 Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - AZ50

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ5013-01F AMAZING-AZ5013-01F Datasheet
131Kb / 7P
Transient Voltage Suppressing Device Tiny Pacakge for ESD/Transient Protection
Revision 2015/01/29
AZ5013-01F.R7GR AMAZING-AZ5013-01F.R7GR Datasheet
131Kb / 7P
Transient Voltage Suppressing Device Tiny Pacakge for ESD/Transient Protection
Revision 2015/01/29
AZ5013-01H AMAZING-AZ5013-01H Datasheet
145Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/30
logo
TECH PUBLIC Electronics...
AZ5013-01H TECHPUBLIC-AZ5013-01H Datasheet
1Mb / 4P
1-Line Uni-directional TVS Diode
logo
AMAZING Microelectronic...
AZ5013-01H.R7G AMAZING-AZ5013-01H.R7G Datasheet
145Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/30
More results

Similar Description - AZ50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GZ34 PHILIPS-GZ34 Datasheet
320Kb / 12P
HIGH-VACUUM FULL-WAVE RECTIFIER
2.2.1958
AZ41 PHILIPS-AZ41 Datasheet
65Kb / 3P
HIGH VACUUM FULL WAVE RECTIFYING VALVE
6.6.1953
UY1N PHILIPS-UY1N Datasheet
123Kb / 5P
HIGH VACUUM HALF WAVE RECTIFIER
23.8.1948
logo
List of Unclassifed Man...
22DE4 ETC2-22DE4 Datasheet
82Kb / 2P
HALF-WAVE VACUUM RECTIFIER
345A ETC2-345A Datasheet
112Kb / 4P
RECTIFIER FULL-WAVE, HIGH VACUUM
logo
Edal Industries, Inc.
B913 EDAL-B913 Datasheet
115Kb / 1P
Silicon Full Wave Bridge Rectifier
logo
Microsemi Corporation
MT200 MICROSEMI-MT200_07 Datasheet
117Kb / 3P
Single 25A Full Wave Rectifier
logo
List of Unclassifed Man...
5Z4 ETC1-5Z4 Datasheet
108Kb / 2P
FULL-WAVE HIGH-VACUUM RECTIFIER
RCA-5Z4 ETC1-RCA-5Z4 Datasheet
45Kb / 1P
FULL-WAVE RECTIFIER
logo
JJ Electronic
5U4GB JJ-5U4GB Datasheet
505Kb / 2P
full – wave vacuum rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com