Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM261...ZCZQ1 Datasheet(PDF) 197 Page - Texas Instruments

Part # AM261...ZCZQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZQ1 Datasheet(HTML) 197 Page - Texas Instruments

Back Button AM261...ZCZQ1 Datasheet HTML 193Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 194Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 195Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 196Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 197Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 198Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 199Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 200Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 218 page
background image
www.ti.com
PACKAGE OUTLINE
10.1
9.9
10.1
9.9
1.2 MAX
0.25
0.19
293X
0.35
0.25
9 TYP
9 TYP
0.5 TYP
0.5 TYP
(0.5)
(0.5)
NFBGA - 1.2 mm max height
ZNC0293A
PLASTIC BALL GRID ARRAY
4230408/A 01/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
BALL A1
CORNER
0.1 C
SEATING PLANE
0.15
CA
B
0.08
C
SYMM
SYMM
1
2
3
4
5
6
7
8
9 10
11 12 13 14 15 16 17 18 19
SCALE 1.500
A
B
C
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
197
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com