Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 12 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 12 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 8Page - Epson Company S1D13706F00A Datasheet HTML 9Page - Epson Company S1D13706F00A Datasheet HTML 10Page - Epson Company S1D13706F00A Datasheet HTML 11Page - Epson Company S1D13706F00A Datasheet HTML 12Page - Epson Company S1D13706F00A Datasheet HTML 13Page - Epson Company S1D13706F00A Datasheet HTML 14Page - Epson Company S1D13706F00A Datasheet HTML 15Page - Epson Company S1D13706F00A Datasheet HTML 16Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 94 page
background image
6
EPSON
S1D13305 Series
Technical Manual
5.2.4. Display memory control
The S1D13305 series can directly access static RAM and
PROM. The designer may use a mixture of these two
types of memory to achieve an optimum trade-off be-
tween low cost and low power consumption.
Pin Name
Function
8080 family interface
A0
RD
WR
Function
0
0
1
Status flag read
1
0
1
Display data and cursor address read
0
1
0
Display data and parameter write
1
1
0
Command write
6800 family interface
A0
R/W
E
Function
0
1
1
Status flag read
1
1
1
Display data and cursor address read
0
0
1
Display data and parameter write
1
0
1
Command write
When the 8080 family interface is selected, this signal acts as the active-LOW read strobe. The
S1D13305 series output buffers are enabled when this signal is active.
When the 6800 family interface is selected, this signal acts as the active-HIGH enable clock.
Data is read from or written to the S1D13305 series when this clock goes HIGH.
When the 8080 family interface is selected, this signal acts as the active-LOW write strobe. The
bus data is latched on the rising edge of this signal.
When the 6800 family interface is selected, this signal acts as the read/write control signal. Data
is read from the S1D13305 series if this signal is HIGH, and written to the S1D13305 series if
it is LOW.
Chip select. This active-LOW input enables the S1D13305 series. It is usually connected
to the output of an address decoder device that maps the S1D13305 series into the memory
space of the controlling microprocessor.
This active-LOW input performs a hardware reset on the S1D13305 series. It is a
Schmitt-trigger input for enhanced noise immunity; however, care should be taken to ensure
that it is not triggered if the supply voltage is lowered.
WR or R/W
CS
RES
RD or E
A0
VA0 to VA15
16-bit display memory address. When accessing character generator RAM or ROM, VA0 to
VA3, reflect the lower 4 bits of the S1D13305 series’s row counter.
VD0 to VD7
8-bit tristate display memory data bus. These pins are enabled when VR/W is LOW.
VCE
Active-LOW static memory standby control signal. VCE can be used with CS.
VWR
Active-LOW display memory write control output.
Pin Name
Function
VRD
Active-LOW display memory read control output.
PIN DESCRIPTION


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
   S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com