Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 62 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 62 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 58Page - Epson Company S1D13706F00A Datasheet HTML 59Page - Epson Company S1D13706F00A Datasheet HTML 60Page - Epson Company S1D13706F00A Datasheet HTML 61Page - Epson Company S1D13706F00A Datasheet HTML 62Page - Epson Company S1D13706F00A Datasheet HTML 63Page - Epson Company S1D13706F00A Datasheet HTML 64Page - Epson Company S1D13706F00A Datasheet HTML 65Page - Epson Company S1D13706F00A Datasheet HTML 66Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 94 page
background image
56
EPSON
S1D13305 Series
Technical Manual
10.3. Setting the Character Generator Address
calculated from SAG + character code + ROW select
address. This mapping is shown in Table 21 and 22.
Table 21. Character fonts, number of lines
≤ 8 (M2 = 0, M1 = 0)
Table 22. Character fonts, 9
≤ number of lines ≤ 16 (M2 = 1, M1 = 0)
SAG
A15 A14 A13 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Character code
0000
D7
D6
D5
D4
D3
D2
D1
D0
0000
+ROW select address
000000000000
R3
R2
R1
R0
CG RAM address
VA15 VA14 VA13 VA12 VA11 VA10 VA9 VA8 VA7 VA6 VA5 VA4 VA3 VA2 VA1 VA0
SAG
A15 A14 A13 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Character code
00000
D7
D6
D5
D4
D3
D2
D1
D0
000
+ROW select address
0000000000000
R2
R1
R0
CG RAM address
VA15 VA14 VA13 VA12 VA11 VA10 VA9 VA8 VA7 VA6 VA5 VA4 VA3 VA2 VA1 VA0
Figure 45. Row select address
10.3.1. M1 = 1
The S1D13305 series automatically converts all bits set
in bit 6 of character code for CG RAM 2 to zero. Because
of this, the CG RAM data areas become contiguous in
display memory.
Row
Row 0
Row 1
Row 2
Row 7
Row 8
Row 14
Row 15
R3
0
0
0
0
1
1
1
R2
0
0
0
1
0
1
1
R1
0
0
1
1
0
1
1
R0
0
1
0
1
0
0
1
Line 1
Line 2
Note: Lines = 1: lines in the character bitmap
≤ 8
Lines = 2: lines in the character bitmap
≥ 9
The CG RAM addresses in the VRAM address space are
not mapped directly from the address in the SAG register.
The data to be displayed is at a CG RAM address
When writing data to CG RAM:
Calculate the address as for M1 = 0.
Change bit 6 of the character code from “1” to “0”.
CHARACTER GENERATOR


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
LCD Controller ICs
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
Capacitive Switch Controller ICs
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
LCD Controller
April 13, 2012
logo
Rohm
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
Capacitive Switch Controller ICs
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
LCD Controller
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
LCD CONTROLLER
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com